Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 127 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 127 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 123Page - Cirrus Logic WM8235 Datasheet HTML 124Page - Cirrus Logic WM8235 Datasheet HTML 125Page - Cirrus Logic WM8235 Datasheet HTML 126Page - Cirrus Logic WM8235 Datasheet HTML 127Page - Cirrus Logic WM8235 Datasheet HTML 128Page - Cirrus Logic WM8235 Datasheet HTML 129Page - Cirrus Logic WM8235 Datasheet HTML 130Page - Cirrus Logic WM8235 Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 154 page
background image
WM8235
Rev 4.6
127
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 = low at TP20
1 = high at TP20
3
POL19_T1
1
logic level of T1 pulse at toggle point TP19
0 = low at TP19
1 = high at TP19
2
POL18_T1
1
logic level of T1 pulse at toggle point TP18
0 = low at TP18
1 = high at TP18
1
POL17_T1
1
logic level of T1 pulse at toggle point TP17
0 = low at TP17
1 = high at TP17
0
POL16_T1
1
logic level of T1 pulse at toggle point TP16
0 = low at TP16
1 = high at TP16
Register 0111h Polarity setting of T1 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R274 (0112h)
Polarity
setting of
T1 4
7
POL31_T1
1
logic level of T1 pulse at toggle point TP31
0 = low at TP31
1 = high at TP31
6
POL30_T1
1
logic level of T1 pulse at toggle point TP30
0 = low at TP30
1 = high at TP30
5
POL29_T1
1
logic level of T1 pulse at toggle point TP29
0 = low at TP29
1 = high at TP29
4
POL28_T1
1
logic level of T1 pulse at toggle point TP28
0 = low at TP28
1 = high at TP28
3
POL27_T1
1
logic level of T1 pulse at toggle point TP27
0 = low at TP27
1 = high at TP27
2
POL26_T1
1
logic level of T1 pulse at toggle point TP26
0 = low at TP26
1 = high at TP26
1
POL25_T1
1
logic level of T1 pulse at toggle point TP25
0 = low at TP25
1 = high at TP25
0
POL24_T1
1
logic level of T1 pulse at toggle point TP24
0 = low at TP24
1 = high at TP24
Register 0112h Polarity setting of T1 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R275 (0113h)
Polarity
setting of
T2 1
7
POL7_T2
1
logic level of T2 pulse at toggle point TP7
0 = low at TP7
1 = high at TP7
6
POL6_T2
1
logic level of T2 pulse at toggle point TP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com