Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT2702 Datasheet HTML 1Page - Richtek Technology Corporation RT2702 Datasheet HTML 2Page - Richtek Technology Corporation RT2702 Datasheet HTML 3Page - Richtek Technology Corporation RT2702 Datasheet HTML 4Page - Richtek Technology Corporation RT2702 Datasheet HTML 5Page - Richtek Technology Corporation RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Input Supply Voltage, VHV ----------------------------------------------------------------------------------------------- 4.5V to 19V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
VIN, TON, EN to GND -----------------------------------------------------------------------------------------------------
−0.3V to 20V
PHASE to GND
DC------------------------------------------------------------------------------------------------------------------------------
−0.3V to 20V
<100ns ------------------------------------------------------------------------------------------------------------------------
−8V to 30V
VDRV, MODE, PWM, THWN , DISB to GND ---------------------------------------------------------------------
−0.3V to 6V
CSP, CSN, FB, SS, ILIM, POK to GND ------------------------------------------------------------------------------
−0.3V to 6V
RGND to GND ---------------------------------------------------------------------------------------------------------------
−0.3V to 0.3V
Power Dissipation, PD @ TA = 25
°C
WQFN-16L 3x3 ------------------------------------------------------------------------------------------------------------- 3.33W
Package Thermal Resistance (Note 2)
WQFN-16L 3x3,
θJA -------------------------------------------------------------------------------------------------------- 30°C/W
WQFN-16L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 7.5°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
CDM (Charged-Device Model) ------------------------------------------------------------------------------------------- 1kV
Electrical Characteristics
(VIN = VEN = 6V, RTON = 390k
Ω, TA = −40°C to 105°C , unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Operating Conditions
VIN Voltage Range
VIN
4.5
--
19
V
VIN Supply Current
VIN Operating Current
IQ
VIN = 6V, EN = high, VFB = 0.6V
--
--
1
mA
VIN Shutdown Current
ISD
VIN = 6V, EN = low
--
--
40
A
VIN Supply Voltage
VIN UVLO Start Threshold
VIN_UVLO
Rising
--
--
4.5
V
VIN UVLO Hysteresis
VIN,UVLO_HYS
--
500
--
mV
VDRV Regulator
VDRV Output Voltage
VDRV
VIN > 5.5V, IVDRV < 35mA
4.8
5
5.3
V
VDRV Output Voltage
4.5V < VIN < 5.5V, IVDRV < 25mA
4
5
5.3
V
VDRV Output Current
IDRV
VDRV = 4V
100
--
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com