Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT2702 Datasheet HTML 1Page - Richtek Technology Corporation RT2702 Datasheet HTML 2Page - Richtek Technology Corporation RT2702 Datasheet HTML 3Page - Richtek Technology Corporation RT2702 Datasheet HTML 4Page - Richtek Technology Corporation RT2702 Datasheet HTML 5Page - Richtek Technology Corporation RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RT2702
®
DS2702-00 October 2016
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Step-Down DC-DC Controller with Remote Sense
Features
4.5V to 19V Input Voltage Range
Adjustable Output Range, 0.6V Reference with 1%
Accuracy Over-Temperature Protection
FCOTTM (Flexible Constant On Time) Control
Integrated 5V LDO@100mA for DrMOS module
Support Pre-Biased Output
Programmable Soft-Start
Soft-Off through VOUT Discharge
Programmable Switching Frequency
Programmable Over Current Limit
Power Good Indication
OVP, UVP, UVLO Protection
Applications
High Current Distributed Power Systems
Datacom and Telecom Systems
Industrial Power Supplies
General Description
The RT2702 is a high-efficiency and high-current
synchronous buck controller designed to drive a DrMOS
module. A COT (Constant-On-Time) PWM controller and
PWM signal for DrMOS are integrated so that the external
circuit is easily designed and the component count is
reduced. The RT2702 adopts FCOT control technology
that responds instantly to input voltage change. Besides,
the RT2702 includes a 5V (VDRV) linear regulator, which
can provide 5V voltage and supply up to 100mAfor DrMOS.
The RT2702 supports two modes transition function with
various operating states, which include audio skipping
mode (ASM) and forced-CCM mode (FCCM).
Other features include power good indication, external soft-
start setting, soft-off discharge function, precise DCR
sense, enable/disable control, over-voltage protection
(OVP), under-voltage protection (UVP), current Limit,
thermal shutdown into the WQFN-16L 3x3 package.
8H=YM
DNN
8H= : Product Code
YMDNN : Date Code
Marking Information
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WQFN-16L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT2702
Pin Configuration
(TOP VIEW)
WQFN-16L 3x3
THWN
DISB
MODE
PWM
EN
POK
SS
ILIM
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17


Similar Part No. - RT2702

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2710B6 CTS-RT2710B6 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B6TR13 CTS-RT2710B6TR13 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B6TR7 CTS-RT2710B6TR7 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B7 CTS-RT2710B7 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B7TR13 CTS-RT2710B7TR13 Datasheet
78Kb / 2P
LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2702

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com