Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 5Page - Richtek Technology Corporation RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation RT2702 Datasheet HTML 10Page - Richtek Technology Corporation RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
Output Current (A)
Switching Frequency vs. Output Current
400
420
440
460
480
500
520
540
560
0.01
0.1
1
10
100
Output Current (A)
Switching Frequency vs. Input Voltage
450
460
470
480
490
500
510
520
530
540
550
4
6
8
10
121416
1820
Input Voltage (V)
VOUT vs. ILOAD
1.005
1.006
1.007
1.008
1.009
1.01
1.011
1.012
1.013
1.014
1.015
0
5
10
15
20
25
ILOAD (A)
VDRV vs. IDRV
5.020
5.025
5.030
5.035
5.040
5.045
5.050
5.055
5.060
0
10
2030
4050
6070
8090 100
IDRV (mA)
VIN = 19V
VIN = 4.5V
VIN = 5.5V
VIN = 12V
VEN = VIN, VOUT = 1V, fSW = 500kHz, FCCM
VEN = VIN, VOUT = 1V, fSW = 500kHz, FCCM
VIN = 19V
VIN = 4.5V
VIN = 5.5V
VIN = 12V
VEN = 12V, VOUT = 1V,
IOUT = 20A,
fSW = 500kHz, FCCM
VEN = VIN, VOUT = 1V, fSW = 500kHz, FCCM
VIN = 4.5V
VIN = 5.5V
VIN = 12V
VIN = 19V
VEN = VIN = 12V
Quiescent Current vs. Input Voltage
700
800
900
1000
1100
1200
1300
1400
1500
1600
4
6
8
1012
14
1618
20
Input Voltage (V)
VEN = VIN, VMODE = 5V, VFB = 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com