Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation RT2702 Datasheet HTML 16Page - Richtek Technology Corporation RT2702 Datasheet HTML 17Page - Richtek Technology Corporation RT2702 Datasheet HTML 18Page - Richtek Technology Corporation RT2702 Datasheet HTML 19Page - Richtek Technology Corporation RT2702 Datasheet HTML 20Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2
PEAK
SOAR
OUT
OUT
(I
)
L
V
2C
V

where IPEAK is the peak inductor current.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction-to-ambient
thermal resistance.
For continuous operation, the maximum operating junction
temperature indicated under Recommended Operating
Conditions is 125
°C. The junction-to-ambient thermal
resistance,
θJA, is highly package dependent. For a
WQFN-16L 3x3 package, the thermal resistance,
θJA, is
30
°C/W on a standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25
°C can be calculated as below :
PD(MAX) = (125
°C − 25°C) / (30°C/W) = 3.33W for a
WQFN-16L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for the fixed TJ(MAX) and the thermal
resistance,
θJA. The derating curves in Figure 9 allows
the designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Figure 9. Derating Curve of Maximum Power Dissipation
Layout Considerations
Layout is very important in high frequency switching
converter design. If designed improperly, the PCB could
radiate excessive noise and contribute to converter
instability. Certain points must be considered before
starting a layout for the RT2702.
Connecting capacitors to VIN and VDRV are
recommended. Place these capacitors close to the IC.
Keep current limit setting network as close as possible
to the IC. Routing of the network should avoid coupling
to high voltage switching node.
Connections from the RT2702 to DrMOS should be as
short as possible to reduce stray inductance.
All sensitive analog traces and components such as
TON, EN, ILIM, SS, FB, CSN, CSP, POK, MODE,
PWM, DISB , THWN , GND and RGND should be
placed away from high voltage switching nodes such as
PHASE nodes to avoid coupling. Use internal layer(s)
as ground plane(s) and shield the feedback trace from
power traces and components.
Current sense connections must always be made using
Kelvin connections to ensure an accurate signal, with
the current limit resistor located at the device.
Power sections should connect directly to ground
plane(s) using multiple vias as required for current
handling (including the chip power ground connections).
Power components should be placed to minimize loops
and reduce losses.
Organic semiconductor capacitor(s) or specialty polymer
capacitor(s) are recommended.
The amount of overshoot due to stored inductor energy
can be calculated as :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com