Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation RT2702 Datasheet HTML 16Page - Richtek Technology Corporation RT2702 Datasheet HTML 17Page - Richtek Technology Corporation RT2702 Datasheet HTML 18Page - Richtek Technology Corporation RT2702 Datasheet HTML 19Page - Richtek Technology Corporation RT2702 Datasheet HTML 20Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Let
EQU
S
P
NTC
R
= R
(R / /R
)
RR
L
EQU
SEN
= CSEN
RR
R
L,DCR
EQU
SEN
According to current sense network and temperate, the
corresponding equation is represented as follows :
Next, let
L
m =
RC
L,DCR
SEN
Then
RR
RR
NTC
P
NTC
P
mR
R
= R
R
SEN
S
SEN
S
RR
RR
NTCP
NTCP






Step 1 : Given the two system temperature TL and TH at
which are compensated.
Step 2 : Two equations can be listed as
R(T ) R
NTC L
P
m(T )
R
R
LSEN
S R(T ) R
NTC L
P
R(T ) R
NTC L
P
= R
R
SEN
S R(T ) R
NTC L
P








R(T ) R
NTC H
P
m(T )
R
R
H
SEN
S R(T ) R
NTC H
P
R(T ) R
NTC H
P
= R
R
SEN
S R(T ) R
NTC H
P








Step 3 : Since R
P is usually set equal to RNTC(25°C), two
unknowns, RSEN and RS, can be calculated using two
equations.
Output Over-Voltage Protection (OVP)
The voltage on the FB pin is monitored for over-voltage
protection. When the FB voltage exceeds 12.5% of its
set voltage threshold, over-voltage protection is triggered,
then the signal of POK and PWM go low. This behavior
should command DrMOS to discharge the output capacitor.
A 10
μs delay is applied to OVP detection circuit to prevent
false trigger.
Besides, anti-overshoot(AOS) would be triggered when
VFB is above 642mV (VREF + 42mV) and then PWM
becomes tri-state. Thus more power, which is stored in
inductor, would be eliminated by the body diode of LSMOS
in DrMOS, and prevents VOUT from having too much
overshoot. If inductor has too much power stored in itself,
FB1
OUT
REF
FB2
R
VV1
R

 


where the VREF is 0.6V (typical), and the recommended
output voltage range is between 0.6V and 3V.
then AOS won't be able to prevent system from triggering
OVP. In this case, OVP would over-write AOS behavior,
makes PWM go low and intends to discharge VOUT with
negative current on inductor.
Output Under-Voltage Protection (UVP)
The FB voltage is monitored for under voltage protection.
When the FB voltage is less than 12.5% of its set voltage
threshold during normal operation, under-voltage protection
is triggered, then the signal of POK and DISB to be low.
This behavior should turn off DrMOS. When UVP is
triggered, the controller begins hiccup procedure and re-
boost after 20ms. A 10
μs delay is applied to UVP detection
circuit to prevent false trigger.
Over-Thermal Protection (OTP)
The RT2702 features an over-thermal protection circuitry
to prevent damage from excessive heat dissipation. The
OTP function occurs when the die temperature exceeds
150
°C, then DISB goes low and turns off internal linear
regulator. Once the junction temperature is cooled down
by approximately 25
°C, the RT2702 will reboost from the
beginning.
Thermal Shutdown Detection (THWN)
The RT2702 has a thermal shutdown detection input THWN
pin for external driver DrMOS. The RT2702 will pull low
DISB if the voltage of thermal warning flag is lower than
0.4V.
Output Voltage Setting
The output voltage waveform is shown as Figure 7, which
can be adjusted from 0.6V to 3.3V by setting the feedback
resistors, RFB1 and RFB2 (see Figure 8). Choose RFB2 to
be approximately 30k and solve for RFB1 using the equation
below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com