Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation RT2702 Datasheet HTML 10Page - Richtek Technology Corporation RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Shutdown Current vs. Input Voltage
15
16
17
18
19
20
21
22
23
24
25
4
6
8
10
1214
1618
20
Input Voltage (V)
Switching Frequency vs. Temperature
400
420
440
460
480
500
520
540
560
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
EN High Level Threshold vs. Temperature
0.90
0.93
0.95
0.98
1.00
1.03
1.05
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
EN Low Level Threshold vs. Temperature
0.85
0.88
0.90
0.93
0.95
0.98
1.00
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
VEN = GND, VMODE = 5V
Output Voltage vs. Temperature
1.000
1.003
1.005
1.008
1.010
1.013
1.015
1.018
1.020
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
VEN = VIN, VOUT = 1V, No Load, fSW = 500kHz, FCCM
VEN = VIN, VOUT = 1V, No Load, fSW = 500kHz, FCCM
VIN = 12V
VIN = 12V
Power On from EN
Time (2ms/Div)
VEN
(10V/Div)
VIN = VEN = 12V, VOUT = 1V, IOUT = 20A
VOUT
(1V/Div)
VDRV
(5V/Div)
VPOK
(5V/Div)
VIN = 4.5V
VIN = 12V
VIN = 4.5V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com