Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT2702 Datasheet HTML 1Page - Richtek Technology Corporation RT2702 Datasheet HTML 2Page - Richtek Technology Corporation RT2702 Datasheet HTML 3Page - Richtek Technology Corporation RT2702 Datasheet HTML 4Page - Richtek Technology Corporation RT2702 Datasheet HTML 5Page - Richtek Technology Corporation RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Mode Select
LDO
VREF
0.6V
Soft-Start
Control
Current Limit
Power-on Reset
Driver
Logic
Enable Logic
Over-
Temperature
Protection
TON
Gen.
MODE
PWM
CSP
TON
POK
ILIM
CSN
FB
GND
UVLO
112.5% VREF
87.5% VREF
Control & Protection
Logic
VIN
ZCD
OVP
UVP
Soft-off
EN
To Power On Reset
To Driver Logic
To Soft-Start Control
VDRV
SS
RGND
Discharge
VSEN
CSN
PHASE
Current Limit
Setting
1.2V
VILIM /RILIM
+
-
+
-
+
-
+
-
+
-
DISB
THWN
150 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com