Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation RT2702 Datasheet HTML 10Page - Richtek Technology Corporation RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power Off from EN
Time (100ms/Div)
VEN
(10V/Div)
VIN = VEN = 12V, VOUT = 1V, IOUT = 10mA
VOUT
(1V/Div)
VDRV
(5V/Div)
VPOK
(5V/Div)
Load Transient Response
Time (40
μs/Div)
IOUT
(20A/Div)
VOUT
(100mV/Div)
VIN = VEN = 12V, VOUT = 1V, IOUT = 0A to 20A
PWM
(5V/Div)
OVP
VOUT
(500mV/Div)
VPOK
(5V/Div)
Time (10
μs/Div)
PWM
(5V/Div)
VEN = VIN = 12V, VOUT = 1V, No Load
UVP
Time (20
μs/Div)
VOUT
(500mV/Div)
VPOK
(5V/Div)
PWM
(5V/Div)
VEN = VIN = 12V, VOUT = 1V
Over Current Limit
Time (10
μs/Div)
VOUT
(500mV/Div)
VPOK
(5V/Div)
PWM
(5V/Div)
IL
(10A/Div)
VEN = VIN = 12V, VOUT = 1V
VOUT
IL
VPOK
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com