Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation RT2702 Datasheet HTML 16Page - Richtek Technology Corporation RT2702 Datasheet HTML 17Page - Richtek Technology Corporation RT2702 Datasheet HTML 18Page - Richtek Technology Corporation RT2702 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
t
IL
ILOAD
IL,VALLEY
tON
IL,PEAK
Figure 4. “Valley” Current Limit
Current Limit Threshold Setting
Current limit threshold can be set by two resistors, one is
RILIM between ILIM and GND, and other is RCS of the DCR
circuit, as shown in Figure 5. Once VIN exceeds the POR
threshold and chip is enabled, an internal voltage source
1.2V will be generated, and then the current IILIM will flow
through RILIM. In Figure 5, IILIM is mirrored to flow through
RCS of the DCR circuit by current mirror, and then the
voltage VCS will be generated. With the DCR circuit, the
CSEN voltage VCSEN is inductor current IL multiplied by
inductor DCR RL,DCR. By using an internal comparator in
the RT2702, when VCSEN valley is higher than the current
limit protection threshold VCS, the PWM is not allowed to
initiate a new cycle.
Therefore, RILIM can be determined using the following
equation :
CS
ILIM
L,VALLEY
L,DCR
1.2 R
R
IR
where IL,VALLEYrepresents the desired inductor limit current
(valley inductor current).
Besides, in order to ensure the IL waveform can be reflected
on VCSEN, the time constant setting should follow the
equation below :
SEN
SEN
L,DCR
L
RC
R

VOUT
PHASE
1.2V
RCS
RSEN
CSEN
L
RL,DCR
CSP
CSN
ILIM
+ VCS -
+
VCSEN
-
Comp
Current Limit
IILIM
IL
RILIM
IILIM
Figure 5. External Current Limit Setting
Thermal Compensation for Current Sense
Since the copper wire of inductor has a positive
temperature coefficient. And hence, temperature
compensation is necessary for the lossless inductor
current sense. Figure 6 shows the thermal compensation
method for current sense circuit that is not only simple
but also effective way to compensate temperature variation.
An NTC thermistor is employed in the thermal
compensation network, and it can be used to compensate
DCR variation when temperature is changed. Usually, RP
is set equal to RNTC(25
°C). RS is selected to linearize the
NTC's temperature characteristic. For a given RNTC, RSEN
and RS can be obtained to compensate the temperature
variation of the sense resistor. Besides, the optional
CBYPASS is used to reduce noise to affect the current sense
network.
Figure 6. Thermal Compensation Method
RP
RNTC
CSEN
VCSEN -
+
RSEN
RL,DCR
CBYPASS
L
VOUT
PHASE
RCS
VCS -
+
CSP
CSN
Thermal compensation
method
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com