Electronic Components Datasheet Search
  English  ▼

X  

RT2702 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 10Page - Richtek Technology Corporation RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation RT2702 Datasheet HTML 16Page - Richtek Technology Corporation RT2702 Datasheet HTML 17Page - Richtek Technology Corporation RT2702 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Soft-Start
The RT2702 provides both internal soft-start function and
external soft-start function. The soft-start function is
implemented to prevent large inrush current and output
voltage overshoot during the start-up procedure. The soft-
start function automatically begins once the chip is
enabled. VFB will follow neither internal nor external soft-
start voltage ramp, depends on which ramp has lower
voltage. Since VDRV also has soft-start ramp, thus VFB
will begin ramping up after 3ms to 4ms from EN high.
As the region1 shown in the Figure 2, since external ramp
is quicker and higher than internal ramp, thus VFB follows
internal ramp during soft-start procedure. VFB will no longer
follow internal ramp when it is close to VREF, which is
0.6V, and sticks to the VREF. The internal soft-start time
is designed as a typical value 3ms from 10% to 90% VREF.
Soft-start procedure is finished after internal ramp rises
above 1.2V, in the meantime, int. SSOK will be asserted
high, and POK can be asserted high if OVP and UVP are
not triggered.
As the region2 shown in the Figure 2, because external
ramp is slower and lower than internal ramp, thus VFB
tracks external ramp during soft-start procedure. The
behavior is similar to region1 except that soft-start time
period is programmed. Note that SS pin would be left
floating after both int. and ext. SSOK are asserted high to
avoid SS pin having further disturbance to the loop. The
function block diagram of SS pin is shown in Figure 3
below. The RT2702 starts sourcing 10
μAtoward CSS which
is connected to SS pin. SS pin would be discharged when
system shuts down or re-starts up.
The external soft-start time can be calculated as :
SS
REF
SS_Ext.
CV
t
10 A
Where VREF is 0.6V, and CSS is the external capacitor
placed between SS pin and GND.
Figure 3. Soft-Start Control Block.
As the region3 shown in the Figure 2, if system is enabled
with SS pin having residual voltage, then VFB follows
internal ramp in the beginning since the voltage of internal
ramp is lower than external ramp(VExt. > VInt.). Afterwards,
VFB begins to track external ramp when the voltage of
external ramp is lower than internal ramp(VExt. < VInt.).
POK
The POK pin is the output of an open-drain buffer, thus it
requires a pull-up resistor. POK goes high when soft-start
is finished and has no UVP nor OVP.
Current Limit
The RT2702 provides cycle-by-cycle current limit control
by comparing the CSEN voltage VCSEN and RCS voltage VCS
of DCR circuitry to determine the turn-on timing of PWM.
The current limit circuit employs a unique “valley” current
sensing algorithm as shown in Figure 4. If the magnitude
of the CSEN voltage signal of DCR circuitry is above the
current limit threshold, the PWM is not allowed to initiate
a new cycle. Thus, the current to the load exceeds the
average output inductor current. Eventually, output drops
lower than the under-voltage protection threshold, inducing
IC shutdown.
To PWM Comparator
SS
10µA
CSS
Control Logic
OTP
UV_Hiccups
Switch off if both
int. and ext. SSOK are high.
SS_Reset
Soft-Start Control Block
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com