Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA838IDBVT Datasheet HTML 1Page - Texas Instruments OPA838IDBVT Datasheet HTML 2Page - Texas Instruments OPA838IDBVT Datasheet HTML 3Page - Texas Instruments OPA838IDBVT Datasheet HTML 4Page - Texas Instruments OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
OPA838
SBOS867 – AUGUST 2017
www.ti.com
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: VS = 5 V........................... 5
7.6
Electrical Characteristics: VS = 3 V........................... 7
7.7
Typical Characteristics: VS = 5 V .............................. 9
7.8
Typical Characteristics: VS = 3 V ............................ 12
7.9
Typical Characteristics: Over Supply Range .......... 15
8
Detailed Description ............................................ 19
8.1
Overview ................................................................. 19
8.2
Functional Block Diagram ....................................... 19
8.3
Feature Description................................................. 19
8.4
Device Functional Modes........................................ 23
8.5
Power Shutdown Operation .................................... 26
9
Application and Implementation ........................ 27
9.1
Application Information............................................ 27
10
Power Supply Recommendations and Thermal
Notes ..................................................................... 35
11
Layout................................................................... 35
11.1
Layout Guidelines ................................................. 35
11.2
Layout Example .................................................... 36
12
Device and Documentation Support ................. 37
12.1
Device Support .................................................... 37
12.2
Documentation Support ........................................ 37
12.3
Trademarks ........................................................... 38
12.4
Electrostatic Discharge Caution ............................ 38
12.5
Glossary ................................................................ 38
13
Mechanical, Packaging, and Orderable
Information ........................................................... 38
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
August 2017
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com