Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 2Page - Texas Instruments OPA838IDBVT Datasheet HTML 3Page - Texas Instruments OPA838IDBVT Datasheet HTML 4Page - Texas Instruments OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments OPA838IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
OPA838
SBOS867 – AUGUST 2017
www.ti.com
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = 5 V (continued)
at VS+ = 5 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA ≈
25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(6)
The typical specification is at 25°C TJ. The minimum and maximum limits are expanded for the ATE to account for an ambient range
from 22°C to 32°C with a 4-µA/°C temperature coefficient on the supply current.
INPUT
Common-mode input range, low
TA ≈ 25°C, CMRR > 92 dB
VS– – 0.2
VS– – 0
V
A
TA = –40°C to 125°C, CMRR > 92 dB
VS– – 0
B
Common-mode input range, high
TA ≈ 25°C, CMRR > 92 dB
VS+ – 1.3
VS+ – 1.2
V
A
TA = –40°C to 125°C, CMRR > 92 dB
VS+ – 1.3
B
CMRR
Common-mode rejection ratio
95
105
dB
A
Input impedance common-mode
100 || 1.3
kΩ || pF
C
Input impedance differential mode
50 || 0.8
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C, G = 6
VS– + 0.05
VS– + 0.1
V
A
TA = –40°C to 125°C, G = 6
B
VOH
Output voltage, high
TA ≈ 25°C, G = 6
VS+ – 0.1 VS+ – 0.05
V
A
TA = –40°C to 125°C, G = 6
B
Maximum current into a resistive
load
TA ≈ 25°C, ±1.53 V into 41.3 Ω, VIO < 2 mV
±35
±40
mA
A
Linear current into a resistive load
TA ≈ 25°C, ±1.81 V into 70.6 Ω, AOL > 80 dB
±25
±28
mA
A
TA = –40°C to 125°C, ±1.58 V into 70.6 Ω, AOL
> 80 dB
±22
±25
B
DC output impedance
G = 6
0.02
Ω
C
POWER SUPPLY
Specified operating voltage
2.7
5
5.4
V
B
Quiescent operating current
TA ≈ 25°C
(6)
913
960
993
µA
A
TA = –40°C to 125°C
700
960
1330
B
dIq/dT
Quiescent current temperature
coefficient
TA = –40°C to 125°C
2.6
3
3.4
µA/°C
B
+PSRR
Positive power-supply rejection
ratio
98
110
dB
A
–PSRR
Negative power-supply rejection
ratio
93
105
dB
A
POWER DOWN (Pin Must be Driven, SOT23-6 and SC70-6)
Enable voltage threshold
Specified on above VS–+ 1.5 V
1.5
V
A
Disable voltage threshold
Specified off below VS–+ 0.55 V
0.55
V
A
Disable pin bias current
PD = VS– to VS+
–50
20
50
nA
A
Power-down quiescent current
PD = 0.55 V
2
5
µA
A
Turnon time delay
Time from PD = high to VOUT = 90% of final
value
1.7
usec
C
Turnoff time delay
Time from PD = low to VOUT = 10% of original
value
100
ns
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com