Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 18Page - Texas Instruments OPA838IDBVT Datasheet HTML 19Page - Texas Instruments OPA838IDBVT Datasheet HTML 20Page - Texas Instruments OPA838IDBVT Datasheet HTML 21Page - Texas Instruments OPA838IDBVT Datasheet HTML 22Page - Texas Instruments OPA838IDBVT Datasheet HTML 23Page - Texas Instruments OPA838IDBVT Datasheet HTML 24Page - Texas Instruments OPA838IDBVT Datasheet HTML 25Page - Texas Instruments OPA838IDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
RF 1
NŸ
+
PD
+
±
RG 200
Ÿ
V
Copyright © 2017, Texas Instruments Incorporated
VOUT
VEE
VCC
VEE
VCC
V1 2.5
Ÿ
V2
±2.5 Ÿ
+
+
+
VG1
+
ROUT 68.1
Ÿ
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
9
12
15
18
10k
100k
1M
10M
100M
D070
No caps
With caps
22
OPA838
SBOS867 – AUGUST 2017
www.ti.com
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 65. Inverting Response With and Without Compensation
8.3.5 Driving Capacitive Loads
The OPA838 can drive small capacitive loads directly without oscillation (less than 6 pF). When driving capacitive
loads greater than 6 pF, Figure 49 shows the recommended ROUT vs capacitor load parametric on gains. At
higher gains, the amplifier starts with greater phase margin into a resistive load and can operate with lower ROUT
for a given capacitive load. Without ROUT, output capacitance interacts with the output impedance of the
amplifier, which causes phase shift in the loop gain of the amplifier that reduces the phase margin. This causes
peaking in the frequency response with overshoot and ringing in the pulse response. Figure 49 targets a 30°
phase margin for the OPA838. A 30° phase margin produces a 5.7-dB peaking in the frequency response at the
amplifier output pin that is rolled off by the output RC pole, as shown in Figure 67. This peaking can cause
clipping for large signals driving a capacitive load. Increasing the RO value can reduce the peaking at the cost of
a more band-limited overall response.
Figure 66. RO versus CL Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com