Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 30Page - Texas Instruments OPA838IDBVT Datasheet HTML 31Page - Texas Instruments OPA838IDBVT Datasheet HTML 32Page - Texas Instruments OPA838IDBVT Datasheet HTML 33Page - Texas Instruments OPA838IDBVT Datasheet HTML 34Page - Texas Instruments OPA838IDBVT Datasheet HTML 35Page - Texas Instruments OPA838IDBVT Datasheet HTML 36Page - Texas Instruments OPA838IDBVT Datasheet HTML 37Page - Texas Instruments OPA838IDBVT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Frequency (MHz)
73
76
79
82
85
88
91
94
97
100
103
0.001
0.01
0.1
1
10
D075
Gain output pin
Gain Load (dB)
¦
S
¦
¦
1
GBP
0.707
2 R C
2 R C
u
S
S
¦ PD[
2
3dB
S
GBP
R
F
2 C
|
S
¦
3dB
S
GBP
F
2 R C
|
S
34
OPA838
SBOS867 – AUGUST 2017
www.ti.com
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
sampling glitch and speed settling time.
9.1.7.1 Detailed Design Procedure
The primary design requirement is to set the achievable transimpedance gain and compensate the operational
amplifier with CF for the desired response shape. A detailed transimpedance design methodology is available in
Transimpedance Considerations for High-Speed Amplifiers. With a source capacitance set and the amplifier
selected to provide a particular gain bandwidth product, the achievable transimpedance gain and resulting
Butterworth bandwidth are tightly coupled as Equation 5 shows. Use Equation 6 to solve for a maximum RF
value. When the RF is selected, the feedback pole is set by Equation 7 to be at .707 of the characteristic
frequency. At that compensation point, the closed-loop bandwidth is that characteristic frequency with a
Butterworth response.
•
With the 100-pF source capacitance, 300-MHz gain bandwidth product, and the 2.2-MHz closed-loop
bandwidth target in the transimpedance stage, solve Equation 6 for a maximum gain of 100 kΩ.
•
Set the feedback pole at 0.707 times that 2.2-MHz Butterworth bandwidth. This sets the target 1 / (2π × R F ×
CF) = 1.55 MHz. Solving for CF sets the target to 1 pF
•
If DC precision is desired, add a 100-kΩ resistor to ground on the noninverting input. If DC precision is not
required, ground the noninverting input
•
Add a resistor noise filtering capacitor in parallel with the 100-kΩ resistor.
•
Add a small series resistor isolating this capacitor from the noninverting input.
•
Select a final filter capacitor for the load. (In this example, a value of 2.2 nF is used as a typical SAR input
capacitor.)
•
Add a series resistor to the final filter capacitor to form a 1-MHz pole. In this example, that is 73.2 Ω.
•
Confirm this resistor is greater than the minimum recommended value shown in Figure 49.
(5)
(6)
(7)
Implementing this design and simulating the performance using the TINA model for the response to the output
pin and to the final capacitive load shows the expected results of Figure 81. Here the exact 2.2-MHz flat
Butterworth response to the output pin is shown with the final single pole rolloff at 1 MHz at the final 2.2-nF
capacitor.
Figure 81. Small Signal Response for 100-kΩ Transimpedance Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com