Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 27Page - Texas Instruments OPA838IDBVT Datasheet HTML 28Page - Texas Instruments OPA838IDBVT Datasheet HTML 29Page - Texas Instruments OPA838IDBVT Datasheet HTML 30Page - Texas Instruments OPA838IDBVT Datasheet HTML 31Page - Texas Instruments OPA838IDBVT Datasheet HTML 32Page - Texas Instruments OPA838IDBVT Datasheet HTML 33Page - Texas Instruments OPA838IDBVT Datasheet HTML 34Page - Texas Instruments OPA838IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
+
±
+
±
Vindiff
OPA838
OPA838
PD
PD
R1 500
Ÿ
R2 500
Ÿ
VCM
RF 3.57
NŸ
RF 3.57
NŸ
RG1 88.7
Ÿ
RG1 88.7
Ÿ
CCM
10nF
VCC
VCC
Vodiff
High Gain
Differential
I/O
Copyright © 2017, Texas Instruments Incorporated
VEE
VEE
2
2
2
BI F
F
N
NI
BN
S
S
I R
4kTR
E
E
I
R
4kTR
NG
NG
§
·
¨
¸
©
¹
31
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Dividing this expression by the noise gain (NG = 1 + RF / RG) gives the equivalent input referred spot noise
voltage at the noninverting input, as shown in Equation 4.
(4)
Using the resistor values shown in Table 1 with RS = 0 Ω results in a constant input referred voltage noise of
2.86nV /
√Hz. Reducing the resistor values brings this number closer to the intrinsic 1.9 nV / √Hz of the OPA838.
Adding RS for bias current cancellation in noninverting mode adds the noise from RS to the total output noise, as
shown in Equation 3. In inverting mode, the RS bias current cancellation resistor must be bypassed with a
capacitor for the best noise performance.
9.1.5 High-Gain Differential I/O Designs
A high-gain differential-to-differential I/O circuit can be used to drive a second-stage FDA or a differential-to-
single-ended stage. This circuit is frequently used in applications where high input impedance is required (for
example, if the source cannot be loaded). Figure 76 shows an example design where the differential gain is 41
V/V. An added element between the two RG resistors increases the noise gain for the common-mode feedback. It
is important to provision for the added element because a decompensated VFA (like the OPA838) often
oscillates without it in this circuit. With only the RG elements in the differential I/O design, the common-mode
feedback is unity-gain and often causes high-frequency, common-mode oscillations. To resolve this issue, split
the RG elements in half and add a low-impedance path such as a capacitor or a DC reference between the two
RG values.
Figure 77. High-Gain Differential I/O Stage
Integrated solutions are available, but the OPA838 device provides a low-power, high-frequency solution. For
best CMRR performance, resistors must be matched. A good rule is CMRR
≈ the resistor tolerance; so 0.1%
tolerance provides approximately 60-dB CMRR.
9.1.5.1 Differential I/O Design Requirements
As an example design, start with the circuit in Figure 77.
•
Set the target gain and split the RG element in half. For this example, target a gain of 41 V/V.
•
Assess the DC common-mode biasing on the noninverting inputs. The DC biasing must be in range and have
a gain of 1 to the output. This is not shown in Figure 76
•
If a DC reference is used as the mid-R G bias, setting the reference equal to the noninverting input bias
voltage sets the output common-mode to that voltage. Using a capacitor as shown in Figure 76 accomplishes
the same results.
9.1.5.2 Detailed Design Procedure
•
Set the total R G value near the high gain values using Table 1. This 178-Ω total must be split for a center tap
to increase the common-mode noise gain, as shown by the 88.7-Ω value in Figure 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com