Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 3Page - Texas Instruments OPA838IDBVT Datasheet HTML 4Page - Texas Instruments OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments OPA838IDBVT Datasheet HTML 10Page - Texas Instruments OPA838IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (0.8 × VPEAK / √2) × 2π × f–3dB
where this f–3dB is the typical measured 2-VPP bandwidth at gains of 6 V/V.
(3)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(4)
Input offset voltage drift, input bias current drift, and input offset current drift typical specifications are mean ± 1σ characterized by the full
temperature range end-point data. Maximum drift specifications are set by the min, max packaged test range on the wafer-level
screened drift. Drift is not specified by the final automated test equipment (ATE) or by QA sample testing.
(5)
Current is considered positive out of the pin.
7.6 Electrical Characteristics: VS = 3 V
at VS+ = 3 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA ≈
25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 6 (peaking < 4 dB)
70
86
MHz
C
VOUT = 20 mVPP, G = 10, RF = 1.6 kΩ
50
C
VOUT = 20 mVPP, G = 100, RF = 16.9 kΩ
3
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 100
240
300
MHz
C
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 6
45
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 6
5
MHz
C
SR
Slew rate
From LSBW(2)
250
350
V/µs
C
Overshoot, undershoot
VOUT = 1-V step, G = 6, input tR = 6 ns
2%
4%
C
tR, tF
Rise, fall time
VOUT = 1-V step, G = 6, input tR = 6 ns
6.3
7
ns
C
Settling time to 0.1%
VOUT = 1-V step, G = 6, input tR = 6 ns
30
ns
C
Settling time to 0.01%
VOUT = 1-V step, G = 6, input tR = 6 ns
40
ns
C
HD2
Second-order harmonic distortion
f = 100 kHz, VO = 2 VPP, G = 6 (see Figure 74)
–108
dBc
C
HD3
Third-order harmonic distortion
f = 100 kHz, VO = 2 VPP, G = 6 (see Figure 74)
–125
dBc
C
Input voltage noise
f > 1 kHz
1.8
nV/
√Hz
C
Voltage noise 1/f corner frequency
100
Hz
C
Input current noise
f > 100 kHz
1.0
pA/
√Hz
C
Current noise 1/f corner frequency
7
kHz
C
Overdrive recovery time
G = 6, 2x output overdrive, DC-coupled
50
ns
C
Closed-loop output impedance
f = 1 MHz, G = 6
0.3
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±1 V, RL = 2 kΩ
110
125
dB
A
Input-referred offset voltage
TA ≈ 25°C
–125
±15
125
µV
A
TA = 0°C to 70°C
–165
±15
200
B
TA = –40°C to 85°C
–230
±15
220
B
TA = –40°C to 125°C
–230
±15
285
B
Input offset voltage drift(3)
TA = –40°C to 125°C
(4)
–1.6
±0.4
1.6
µV/°C
B
Input bias current(5)
TA ≈ 25°C
.7
1.5
2.8
µA
A
TA = 0°C to 70°C
.2
1.5
3.5
B
TA = –40°C to 85°C
.2
1.5
3.7
B
TA = –40°C to 125°C
.2
1.5
4.4
B
Input bias current drift(3)
TA = –40°C to 125°C
4.5
7.8
17
nA/°C
B
Input offset current
TA ≈ 25°C
–70
±20
70
nA
A
TA = 0°C to 70°C
–83
±20
93
B
TA = –40°C to 85°C
–105
±20
100
B
TA = –40°C to 125°C
–105
±13
120
B
Input offset current drift(3)
TA = –40°C to 125°C
–500
±20
500
pA/°C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com