Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 31Page - Texas Instruments OPA838IDBVT Datasheet HTML 32Page - Texas Instruments OPA838IDBVT Datasheet HTML 33Page - Texas Instruments OPA838IDBVT Datasheet HTML 34Page - Texas Instruments OPA838IDBVT Datasheet HTML 35Page - Texas Instruments OPA838IDBVT Datasheet HTML 36Page - Texas Instruments OPA838IDBVT Datasheet HTML 37Page - Texas Instruments OPA838IDBVT Datasheet HTML 38Page - Texas Instruments OPA838IDBVT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
35
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations and Thermal Notes
The OPAx838 devices are intended to work in a supply range of 2.7 V to 5.4 V. Good power-supply bypassing is
required. Minimize the distance (less than 0.1 inch) from the power-supply pins to high-frequency, 0.1-μF
decoupling capacitors. A larger capacitor (2.2 µF is typical) is used with a high-frequency, 0.1-µF supply-
decoupling capacitor at the device supply pins. For single-supply operation, only the positive supply has these
capacitors. When a split-supply is used, use these capacitors for each supply to ground. If necessary, place the
larger capacitors further from the device and share these capacitors among several devices in the same area of
the PCB. Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling
capacitors. An optional 0.1-µF supply decoupling capacitor across the two power supplies (for bipolar operation)
reduces second harmonic distortion. The OPA838 has a positive supply current temperature coefficient as shown
in Figure 57. This helps improve the input offset voltage drift. Supply current requirements in system design must
account for this effect using the maximum intended ambient and Figure 57 to size the supply required.
The very low power dissipation for the OPA838 typically does not require any special thermal design
considerations. For the extreme case of 125°C operating ambient, use the approximate maximum 200°C/W for
the three packages, and a maximum internal power of 5.4-V supply × 1.25-mA 125°C supply current from
Figure 57 gives a maximum internal power of 6.75 mW. This only gives a 1.35°C rise from ambient to junction
temperature which is well below the maximum 150°C junction temperature. Load power adds to this, but also
increases the junction temperature only slightly over ambient temperature.
11 Layout
11.1 Layout Guidelines
The OPA838 EVM can be used as a reference when designing the circuit board. TI recommends following the
EVM layout of the external components near to the amplifier, ground plane construction, and power routing as
closely as possible. General guidelines are listed below:
1. Signal routing must be direct and as short as possible into an out of the op amp.
2. The feedback path must be short and direct avoiding vias if possible.
3. Ground or power planes must be removed from directly under the negative input and output pins of the
amplifier.
4. TI recommends placing a series output resistor as close to the output pin as possible when driving capacitive
or matched loads.
5. A 2.2-µF power-supply decoupling capacitor must be placed within two inches of the device and can be
shared with other op amps. For split!~- supply operation, a capacitor is required for both supplies.
6. A 0.1-µF power-supply decoupling capacitor must be placed as close to the supply pins as possible,
preferably within 0.1 inch. For split-supply operation, a capacitor is required for both supplies.
7. The PD pin uses logic levels referenced off the negative supply. If the pin is not used, the pin must tie to the
positive supply to enable the amplifier. If the pin is used, the pin must be actively driven. A bypass capacitor
is not necessary, but is used for EMI rejection in noisy environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com