Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 29Page - Texas Instruments OPA838IDBVT Datasheet HTML 30Page - Texas Instruments OPA838IDBVT Datasheet HTML 31Page - Texas Instruments OPA838IDBVT Datasheet HTML 32Page - Texas Instruments OPA838IDBVT Datasheet HTML 33Page - Texas Instruments OPA838IDBVT Datasheet HTML 34Page - Texas Instruments OPA838IDBVT Datasheet HTML 35Page - Texas Instruments OPA838IDBVT Datasheet HTML 36Page - Texas Instruments OPA838IDBVT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
RF100 k
CF1.0 pF
Copyright © 2017, Texas Instruments Incorporated
Bias Current
Cancellation
and R-noise
filtering
2.4-Mhz
Butterworth
+
1-MHz
Low Pass
PD
+
±
VOUT
U1 OPA838
VM1
IDIODE
VEE
VCC
VEE
VCC
V1 3 V
LM7805 ± 230 mV
+
+
R1 20
R2 73.2
33
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.1.6 Transimpedance Amplifiers
A common application for a high gain bandwidth voltage feedback op amp is to amplify a small photo-diode
current from a capacitive detector. Figure 80 shows the front page transimpedance circuit with more detail. Here,
a fixed –0.23 negative voltage generator (LM7705) is used on the negative supply to ensure the output has
adequate headroom when it is at 0 V. The transimpedance stage is designed here for a 2.4Mhz flat (Butterworth)
response while a simple RC post-filter band-limits the broadband noise and sets the overall bandwidth to 1MHz.
The requirements for a high dynamic range transimpedance (or charge) amplifier include the very low input
voltage noise intrinsic to a decompensated device like the OPA838. The noise gain over frequency for this type
of circuit starts out at unity gain then begins to peak with a single zero response due to the pole formed in the
feedback by the feedback resistor and the total capacitance on the inverting input. That noise gain response is
flattened out at higher frequencies by the feedback capacitor value to be the 1+Cs/Cf capacitor ratio. This is
normally a very high noise gain allowing the decompensated OPA838 to be applied to this application. Since the
noise gain is intentionally peaked to a high value in this application, the very low input voltage noise (1.8 nV/
√Hz)
of the OPA838 improves dynamic range.
Figure 80. 100-kΩ Wide Bandwidth Transimpedance Design
9.1.7 Design Requirements
To implement a controlled frequency response transimpedance design, set the transimpedance stage amplifier
bandwidth higher than a controlled post RC filter. This allows variation in the source capacitance and amplifier
gain bandwidth product with less overall bandwidth variation to the final output. In this example design:
•
Assume a nominal source capacitance value of 100 pF. This normally comes from the capacitance versus
reverse bias plot for the photodiode. No reverse bias is shown in Figure 81, but the current source is typically
a back biased diode with a negative supply on the anode and the cathode connected to the op amp inverting
input. In this polarity, the signal current sinks into the diode and raises the op amp output voltage above
ground.
•
For the best DC precision, add a matching resistor on the noninverting input to reduce the input bias current
error to IOS × RF . This resistor adds to the input voltage noise; TI recommends bypassing that resistor with as
large as a capacitor as required to roll off resistor noise. This capacitor has a relatively low frequency self
resonance that interacts with the input stage and might impair stability. Add a small series 20-Ω resistor from
the capacitor into the noninverting input to de-Q the resonant source impedance without adding too much
noise.
•
Set the feedback capacitor to achieve the desired frequency response shape.
•
Add a post RC filter to control the overall bandwidth to 1 MHz. In this example, a 2.2-nF capacitor allows a
low 73.2-Ω series resistor. When driving a sampling ADC (like a SAR), this combination helps reduce the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com