Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 17Page - Texas Instruments OPA838IDBVT Datasheet HTML 18Page - Texas Instruments OPA838IDBVT Datasheet HTML 19Page - Texas Instruments OPA838IDBVT Datasheet HTML 20Page - Texas Instruments OPA838IDBVT Datasheet HTML 21Page - Texas Instruments OPA838IDBVT Datasheet HTML 22Page - Texas Instruments OPA838IDBVT Datasheet HTML 23Page - Texas Instruments OPA838IDBVT Datasheet HTML 24Page - Texas Instruments OPA838IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
RF 20
NŸ
+
PD
+
±
RG 4.02
NŸ
RG 4.02
Ÿ
V
Copyright © 2017, Texas Instruments Incorporated
VOUT
VEE
VCC
VEE
VCC
V1 2.5
Ÿ
V2 2.5
Ÿ
+
+
+
Bias current
cancellation with
resistor noise
filtering
Inverting with
High Rf values
CG 5 pF
RM 3.24
NŸ
C1 10n
Input
CF 1.2 pF
Frequency (Hz)
9
12
15
18
21
24
27
10k
100k
1M
10M
100M
D063
RF = 1 k
RF = 2 k
RF = 5 k
RF = 10 k
RF = 20 k
21
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
a fixed target gain), there is a loss of phase margin as the impedance that drives the inverting input capacitance
brings in an added loop pole at lower frequencies. Figure 63 shows this at a gain of 6 V/V with increasing RF
values. This noninverting test shows more peaking as the RF values increase due to the 1.3-pF
common-mode input capacitance at the inverting input. The TINA simulation model gives excellent prediction of
these effects.
Figure 63. Frequency Response With Various Feedback Resistor Values
Operating the OPA838 in inverting mode with higher RF values increases response peaking due to the loss of
phase margin effect. In the inverting case, a pair of capacitors can flatten the response at the cost of lower
closed-loop bandwidth. Figure 64 shows an example with a 20-kΩ RF value at an inverting gain of –5 V/V (noise
gain = 6 V/V) with optional capacitors (CF and CG). Figure 64 shows optional bias current cancellation elements
on the noninverting input. The total resistance value matches the parallel combination of RG || RF, which reduces
the DC output error term due to bias current to IOS × RF. The 10-nF capacitor is added across the larger part of
this bias current canceling resistance to filter noise and the 20 Ω is split out to isolate the capacitor self
resonance from the noninverting input. Figure 65 shows the small signal response shape with and without these
capacitors. The feedback capacitor (CF), is selected to set a desired closed-loop bandwidth with RF. CG is added
to ground to shape the noise gain up over frequency to be greater than or equal to 6 V/V at higher frequencies.
In this example, that higher frequency noise gain is 1 + 6.3 / 1.2 = 6.25 V/V, adding the 1.3-pF device common-
mode capacitance to the external 5 pF. Using the capacitors to set the feedback ratio removes the pole produced
in the feedback driving from purely resistive source to the inverting parasitic capacitance.
Figure 64. G = –5 V/V With Optional Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com