Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 9Page - Texas Instruments OPA838IDBVT Datasheet HTML 10Page - Texas Instruments OPA838IDBVT Datasheet HTML 11Page - Texas Instruments OPA838IDBVT Datasheet HTML 12Page - Texas Instruments OPA838IDBVT Datasheet HTML 13Page - Texas Instruments OPA838IDBVT Datasheet HTML 14Page - Texas Instruments OPA838IDBVT Datasheet HTML 15Page - Texas Instruments OPA838IDBVT Datasheet HTML 16Page - Texas Instruments OPA838IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Time (nsec)
50
250
450
650
850
1050
1250
1450
-3
-2
-1
0
1
2
3
D029
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
Time (nsec)
50
250
450
650
850
1050
1250
1450
-3
-2
-1
0
1
2
3
D030
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
Time from Input Step (nsec)
0
10
20
30
40
50
60
70
80
90
100
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
AV = 6, 500-mV Step, TR = 3 ns
AV = 6, 1-V Step, TR = 6 ns
AV = 10, 500-mV Step, TR = 3 ns
AV = 10, 1-V Step, TR = 6 ns
Time from Input Step (nsec)
0
10
20
30
40
50
60
70
80
90
100
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
AV = 6, 500-mV Step, TR = 3 ns
AV = 6, 1-V Step, TR = 6 ns
AV = 10, 500-mV Step, TR = 3 ns
AV = 10, 1-V Step, TR = 6 ns
Time (nsec)
20
70
120
170
220
260
-1.5
-1
-0.5
0
0.5
1
1.5
VO = ±0.25 V
VO = ±0.5 V
VO = ±1 V
Time (nsec)
20
70
120
170
220
260
-1.5
-1
-0.5
0
0.5
1
1.5
VO = ±0.25 V
VO = ±0.5 V
VO = ±1 V
13
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics: VS = 3 V (continued)
VS+ = 3 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to midsupply. TA = 25°C
(unless otherwise noted)
See Figure 74 and Table 1
Figure 25. Noninverting Step Response vs V OPP
See Figure 75 and Table 2
Figure 26. Inverting Step Response vs VOPP
See Figure 74 and Table 1
Figure 27. Noninverting Settling Time
See Figure 75 and Table 2
Figure 28. Inverting Settling Time
See Figure 74 and Table 1
Figure 29. Noninverting Overdrive Recovery
See Figure 75 and Table 2
Figure 30. Inverting Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com