Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 40Page - Analog Devices ADV7174BCP Datasheet HTML 41Page - Analog Devices ADV7174BCP Datasheet HTML 42Page - Analog Devices ADV7174BCP Datasheet HTML 43Page - Analog Devices ADV7174BCP Datasheet HTML 44Page - Analog Devices ADV7174BCP Datasheet HTML 45Page - Analog Devices ADV7174BCP Datasheet HTML 46Page - Analog Devices ADV7174BCP Datasheet HTML 47Page - Analog Devices ADV7174BCP Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 44 of 52
APPENDIX 5—TELETEXT
TELETEXT INSERTION
tPD is the time needed by the ADV7174/ADV7179 to interpolate
input data on TTX and insert it onto the CVBS or Y outputs,
such that it appears tSYNTTXOUT = 10.2 µs after the leading edge of
the horizontal signal. Time TTXDEL is the pipeline delay time by
the source that is gated by the TTXREQ signal in order to
deliver TTX data.
With the programmability offered with the TTXREQ signal on
the rising/falling edges, the TTX data is always inserted at the
correct position of 10.2 µs after the leading edge of horizontal
sync pulse, thus enabling a source interface with variable pipe-
line delays.
The width of the TTXREQ signal must always be maintained to
allow the insertion of 360 (to comply with the Teletext standard
PAL-WST) Teletext bits at a text data rate of 6.9375 Mbits/s.
This is achieved by setting TC03–TC00 to 0. The insertion
window is not open if the Teletext enable bit (MR35) is set to 0.
TELETEXT PROTOCOL
The relationship between the TTX bit clock (6.9375 MHz) and
the system clock (27 MHz) for 50 Hz is
() 027777
.
1
10
75
.
6
10
9375
.
6
75
.
6
4
6
6
27
=
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛
MHz
MHz
Thus, 37 TTX bits correspond to 144 clocks (27 MHz) and each
bit has a width of almost four clock cycles. The ADV7174/
ADV7179 uses an internal sequencer and variable phase inter-
polation filter to minimize the phase jitter and thus generate a
band-limited signal that can be output on the CVBS and Y
outputs.
At the TTX input, the bit duration scheme repeats after every 37
TTX bits or 144 clock cycles. The protocol requires that TTX
Bits 10, 19, 28, and 37 are carried by three clock cycles and all
other bits by four clock cycles. After 37 TTX bits, the next bits
with three clock cycles are 47, 56, 65, and 74. This scheme holds
for all following cycles of 37 TTX bits until all 360 TTX bits are
completed. All Teletext lines are implemented in the same way.
Individual control of Teletext lines is controlled by Teletext
setup registers.
ADDRESS AND DATA
RUN-IN CLOCK
TELETEXT VBI LINE
45 BYTES (360 BITS) – PAL
Figure 59. Teletext VBI Line
PROGRAMMABLE PULSE EDGES
tPD
tPD
CVBS/Y
HSYNC
TTXREQ
TTXDATA
tSYNTTXOUT = 10.2µs
tPD = PIPELINE DELAY THROUGH ADV7174/ADV7179
TTXDEL = TTXREQ TO TTX (PROGRAMMABLE RANGE = 4 BITS [0–15 CLOCK CYCLES])
tSYNTTXOUT
10.2
µs
TTXDEL
TTXST
Figure 60. Teletext Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com