Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 24Page - Analog Devices ADV7174BCP Datasheet HTML 25Page - Analog Devices ADV7174BCP Datasheet HTML 26Page - Analog Devices ADV7174BCP Datasheet HTML 27Page - Analog Devices ADV7174BCP Datasheet HTML 28Page - Analog Devices ADV7174BCP Datasheet HTML 29Page - Analog Devices ADV7174BCP Datasheet HTML 30Page - Analog Devices ADV7174BCP Datasheet HTML 31Page - Analog Devices ADV7174BCP Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 28 of 52
MODE REGISTER 0 (MR0)
Bits:
MR07 – MR00
Address:
SR4–SR0 = 00H
Figure 38 shows the various operations under the control of Mode Register 0. This register can be read from as well as written to.
CHROMA FILTER SELECT
MR07 MR06
0
0
0
1.3 MHz LOW-PASS FILTER
MR05
0
0
1
0.65 MHz LOW-PASS FILTER
0
1
0
1.0 MHz LOW-PASS FILTER
0
1
1
2.0 MHz LOW-PASS FILTER
1
0
0
RESERVED
1
0
1
CIF
1
1
0
QCIF
1
1
1
RESERVED
MR01
MR00
MR07
MR02
MR03
MR05
MR06
MR04
OUTPUT VIDEO
STANDARD SELECTION
MR01 MR00
0
0
NTSC
0
1
PAL (B, D, G, H, and I)
1
0
PAL (M)
1
1
RESERVED
LUMA FILTER SELECT
MR04 MR03
0
0
0
LOW-PASS FILTER (NTSC)
MR02
0
0
1
LOW-PASS FILTER (PAL)
0
1
0
NOTCH FILTER (NTSC)
0
0
1
NOTCH FILTER (PAL)
1
0
0
EXTENDED MODE
1
0
1
CIF
1
1
0
QCIF
1
1
1
RESERVED
Figure 38. Mode Register 0
Table 9. MR0 Bit Description
Bit Name
Bit No.
Description
Output Video Standard
Selection
MR01–MR00
These bits are used to set up the ENCODE mode. The ADV7174/ADV7179 can be set up to
output NTSC, PAL (B/D/G/H/I), and PAL (M and N) standard video.
PAL M is available on the ADV7174 only.
Luminance Filter Control
MR02–MR04
These bits specify which luminance filter is to be selected. The filter selection is made
independent of whether PAL or NTSC is selected.
Chrominance Filter Control
MR05–MR07
These bits select the chrominance filter. A low-pass filter can be selected with a choice of
cutoff frequencies 0.65 MHz, 1.0 MHz, 1.3 MHz, or 2 MHz, along with a choice of CIF or QCIF
filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com