Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 28Page - Analog Devices ADV7174BCP Datasheet HTML 29Page - Analog Devices ADV7174BCP Datasheet HTML 30Page - Analog Devices ADV7174BCP Datasheet HTML 31Page - Analog Devices ADV7174BCP Datasheet HTML 32Page - Analog Devices ADV7174BCP Datasheet HTML 33Page - Analog Devices ADV7174BCP Datasheet HTML 34Page - Analog Devices ADV7174BCP Datasheet HTML 35Page - Analog Devices ADV7174BCP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 32 of 52
MODE REGISTER 4 (MR4)
Bits:
MR47–MR40
Address:
SR4–SR0 = 04H
Mode Register 4 is an 8-bit-wide register. Figure 42 shows the various operations under the control of Mode Register 4.
MR41
MR40
MR47
MR42
MR44
MR43
MR45
MR46
OUTPUT SELECT
0
YC OUTPUT
1
RGB/YPbPr OUTPUT
MR40
RGB SYNC
0
DISABLE
1
ENABLE
MR42
PEDESTAL
CONTROL
0
PEDESTAL OFF
1
PEDESTAL ON
MR44
SLEEP MODE
CONTROL
0
DISABLE
1
ENABLE
MR46
ACTIVE VIDEO
FILTER CONTROL
0
DISABLE
1
ENABLE
MR45
MR47
(0)
ZERO SHOULD
BE WRITTEN TO
THIS BIT
VSYNC_3H
0
DISABLE
1
ENABLE
MR43
RGB/YUV
CONTROL
0
RGB OUTPUT
1
YPbPr OUTPUT
MR41
Figure 42. Mode Register 4
Table 14. MR4 Bit Description
Bit Name
Bit No.
Description
Output Select
MR40
This bit specifies if the part is in composite video or RGB/YPbPr mode.
RGB/YPbPr Control
MR41
This bit enables the output from the RGB DACs to be set to YPbPr output video standard.
RGB Sync
MR42
This bit is used to set up the RGB outputs with the sync information encoded on all RGB
outputs.
VSYNC_3H
MR43
When this bit is enabled (1) in slave mode, it is possible to drive the VSYNC active low
input for 2.5 lines in PAL mode and three lines in NTSC mode. When this bit is enabled in
master mode, the ADV7174/ADV7179 outputs an active low VSYNC signal for three lines
in NTSC mode and 2.5 lines in PAL mode.
Pedestal Control
MR44
This bit specifies whether a pedestal is to be generated on the NTSC composite video
signal. This bit is invalid if the ADV7174/ ADV7179 is configured in PAL mode.
Active Video Filter Control
MR45
This bit controls the filter mode applied outside the active video portion of the line. This
filter ensures that the sync rise and fall times are always on spec regardless of which luma
filter is selected. A Logic 1 enables this mode.
Sleep Mode Control
MR46
When this bit is set (1), sleep mode is enabled. With this mode enabled, the
ADV7174/ADV7179 power consumption is reduced to typically 200 nA. The I2C registers
can be written to and read from when the ADV7174/ADV7179 is in sleep mode. If MR46 is
set to a (0) when the device is in sleep mode, the ADV7174/ADV7179 comes out of sleep
mode and resumes normal operation. Also, if the RESET signal is applied during sleep
mode, the ADV7174/ADV7179 comes out of sleep mode and resumes normal operation.
Reserved
MR47
A Logic 0 should be written to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com