Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 13Page - Analog Devices ADV7174BCP Datasheet HTML 14Page - Analog Devices ADV7174BCP Datasheet HTML 15Page - Analog Devices ADV7174BCP Datasheet HTML 16Page - Analog Devices ADV7174BCP Datasheet HTML 17Page - Analog Devices ADV7174BCP Datasheet HTML 18Page - Analog Devices ADV7174BCP Datasheet HTML 19Page - Analog Devices ADV7174BCP Datasheet HTML 20Page - Analog Devices ADV7174BCP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 17 of 52
COMPOSITE
VIDEO
(e.g., VCR
OR CABLE)
HSYNC
FIELD/VSYNC
CLOCK
GREEN/LUMA/Y
RED/CHROMA/Pr
BLUE/COMPOSITE/Pb
AD7174/ADV7179
P7–P0
SCRESET/RTC
VIDEO
DECODER
(e.g., ADV7183A)
H/LTRANSITION
COUNT START
4 BITS
RESERVED
5 BITS
RESERVED
RESET
BIT3
SEQUENCE
BIT2
RESERVED
14 BITS
RESERVED
LOW
128
RTC
TIME SLOT: 01
14
67 68
NOT USED IN THE
ADV7174/ADV7179
19
VALID
SAMPLE
INVALID
SAMPLE
FSC PLL INCREMENT1
8/LLC
21
0
13
NOTES
1FSC PLL INCREMENT IS 22 BITS LONG, VALUE LOADED INTO ADV7174/ADV7179 FSC DDS REGISTER IS
FSC PLL INCREMENT BITS 21:0 PLUS BITS 0:9 OF THE SUBCARRIER FREQUENCY REGISTERS. ALL ZEROS SHOULD
BE WRITTEN TO THE SUBCARRIER FREQUENCY REGISTERS OF THE ADV7174/ADV7179.
2SEQUENCE BIT
PAL: 0 = LINE NORMAL, 1 = LINE INVERTED
NTSC: 0 = NO CHANGE
3RESET BIT
RESET ADV7174/ADV7179 DDS
0
Figure 19. RTC Timing and Connections
Vertical Blanking Data Insertion
It is possible to allow encoding of incoming YCbCr data on
those lines of VBI that do not bear line sync or pre-/post-
equalization pulses (see Figure 21 to Figure 32). This mode of
operation is called partial blanking and is selected by setting
MR32 to 1. It allows the insertion of any VBI data (opened VBI)
into the encoded output waveform. This data is present in the
digitized incoming YCbCr data stream, for example. WSS data,
CGMS, VPS, and so on. Alternatively, the entire VBI may be
blanked (no VBI data inserted) on these lines by setting MR32
to 0.
Mode 0 (CCIR-656): Slave Option
(Timing Register 0 TR0 = X X X X X 0 0 0)
The ADV7174/ADV7179 is controlled by the SAV (start active
video) and EAV (end active video) time codes in the pixel data.
All timing information is transmitted using a 4-byte synchro-
nization pattern. A synchronization pattern is sent immediately
before and after each line during active picture and retrace.
Mode 0 is illustrated in Figure 20. The HSYNC, FIELD/VSYNC,
and BLANK (if not used) pins should be tied high during this
mode.
Mode 0 (CCIR-656): Master Option
(Timing Register 0 TR0 = X X X X X 0 0 1)
The ADV7174/ADV7179 generates H, V, and F signals required
for the SAV and EAV time codes in the CCIR-656 standard. The
H bit is output on the HSYNC pin, the V bit is output on the
BLANK pin, and the F bit is output on the FIELD/VSYNC pin.
Mode 0 is illustrated in Figure 21 (NTSC) and Figure 22 (PAL).
The H, V, and F transitions relative to the video waveform are
illustrated in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com