Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 30Page - Analog Devices ADV7174BCP Datasheet HTML 31Page - Analog Devices ADV7174BCP Datasheet HTML 32Page - Analog Devices ADV7174BCP Datasheet HTML 33Page - Analog Devices ADV7174BCP Datasheet HTML 34Page - Analog Devices ADV7174BCP Datasheet HTML 35Page - Analog Devices ADV7174BCP Datasheet HTML 36Page - Analog Devices ADV7174BCP Datasheet HTML 37Page - Analog Devices ADV7174BCP Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 34 of 52
TIMING MODE REGISTER 1 (TR1)
Bits:
TR17–TR10
Address:
SR4–SR0 = 08H
Timing Register 1 is an 8-bit-wide register. Figure 44 shows the various operations under the control of Timing Register 1. This register
can be read from as well written to. This register can be used to adjust the width and position of the master mode timing signals.
TR11
TR10
TR17
TR12
TR13
TR15
TR16
TR14
HSYNC TO PIXEL
DATA ADJUST
TR17 TR16
00
× T
PCLK
1
× T
PCLK
1
× T
PCLK
4
× T
PCLK
16
× T
PCLK
128
× T
PCLK
0
× T
PCLK
4
× T
PCLK
8
× T
PCLK
16
× T
PCLK
1
× T
PCLK
4
× T
PCLK
16
× T
PCLK
128
× T
PCLK
2
× T
PCLK
3
× T
PCLK
0
1
1
0
1
0
1
HSYNC TO
FIELD/VSYNC DELAY
TR13 TR12
0
0
1
1
0
1
0
1
HSYNC WIDTH
0
0
1
1
0
1
0
1
TR11 TR10
HSYNC TO FIELD
RISING EDGE DELAY
(MODE 1 ONLY)
xTB
TB + 32µs
x
0
1
TR15 TR14
TC
TA
TB
VSYNC WIDTH
(MODE 2 ONLY)
TR15 TR14
0
0
1
1
0
1
0
1
LINE 313
LINE 314
LINE 1
TIMING MODE 1 (MASTER/PAL)
HSYNC
FIELD/VSYNC
TB
TA
TC
Figure 44. Timing Register 1
Table 16. TR1 Bit Description
Bit Name
Bit No.
Description
HSYNC Width
TR11–TR10
These bits adjust the HSYNC pulse width.
HSYNC to FIELD/VSYNC
Delay
TR13–TR12
These bits adjust the position of the HSYNC output relative to the FIELD/VSYNC output.
HSYNC to FIELD Rising
Edge Delay
TR15–TR14
When the ADV7174/ADV7179 is in Timing Mode 1, these bits adjust the position of the HSYNC
output relative to the FIELD output rising edge.
VSYNC Width
TR15–TR14
When the ADV7174/ADV7179 is configured in Timing Mode 2, these bits adjust the VSYNC
pulse width.
HSYNC to Pixel Data Adjust
TR17–TR16
This enables the HSYNC to be adjusted with respect to the pixel data. This allows the Cr and Cb
components to be swapped. This adjustment is available in both master and slave timing modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com