Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 52 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 52 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 44Page - Analog Devices ADV7174BCP Datasheet HTML 45Page - Analog Devices ADV7174BCP Datasheet HTML 46Page - Analog Devices ADV7174BCP Datasheet HTML 47Page - Analog Devices ADV7174BCP Datasheet HTML 48Page - Analog Devices ADV7174BCP Datasheet HTML 49Page - Analog Devices ADV7174BCP Datasheet HTML 50Page - Analog Devices ADV7174BCP Datasheet HTML 51Page - Analog Devices ADV7174BCP Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 52 of 52
OUTLINE DIMENSIONS
1
40
10
11
31
30
21
20
BOTTOM
VIEW
4.25
4.10 SQ
3.95
TOP
VIEW
6.00
BSC SQ
PIN 1
INDICATOR
5.75
BSC SQ
12° MAX
0.30
0.23
0.18
0.20 REF
SEATING
PLANE
1.00
0.85
0.80
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.80 MAX
0.65 TYP
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
Figure 81. 40-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-40)
Dimensions shown in millimeters
Note that the exposed metal paddle on the bottom side of the LFCSP package must be soldered to PCB ground for proper heat dissipation
and also for noise and mechanical strength benefits.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7179KCP
0°C to 70°C
Lead Frame Chip Scale Package
CP-40
ADV7179KCP-REEL
0°C to 70°C
Lead Frame Chip Scale Package
CP-40
ADV7179BCP
−40°C to +85°C
Lead Frame Chip Scale Package
CP-40
ADV7179BCP-REEL
−40°C to +85°C
Lead Frame Chip Scale Package
CP-40
ADV7174KCP
0°C to 70°C
Lead Frame Chip Scale Package
CP-40
ADV7174KCP-REEL
0°C to 70°C
Lead Frame Chip Scale Package
CP-40
ADV7174BCP
−40°C to +85°C
Lead Frame Chip Scale Package
CP-40
ADV7174BCP-REEL
−40°C to +85°C
Lead Frame Chip Scale Package
CP-40
EVAL-ADV7179EBM
Evaluation Board
EVAL-ADV7174EBM
Evaluation Board
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02980–0–2/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com