Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 29Page - Analog Devices ADV7174BCP Datasheet HTML 30Page - Analog Devices ADV7174BCP Datasheet HTML 31Page - Analog Devices ADV7174BCP Datasheet HTML 32Page - Analog Devices ADV7174BCP Datasheet HTML 33Page - Analog Devices ADV7174BCP Datasheet HTML 34Page - Analog Devices ADV7174BCP Datasheet HTML 35Page - Analog Devices ADV7174BCP Datasheet HTML 36Page - Analog Devices ADV7174BCP Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 33 of 52
TIMING MODE REGISTER 0 (TR0)
Bits:
TR07–TR00
Address:
SR4–SR0 = 07H
Figure 43 shows the various operations under the control of Timing Register 0. This register can be read from as well as written to.
TR01
TR00
TR07
TR02
TR03
TR05
TR06
TR04
TIMING
REGISTER RESET
TR07
BLANK INPUT
CONTROL
0
ENABLE
1
DISABLE
TR03
PIXEL PORT
CONTROL
0
8 BIT
1
FORBIDDEN
TR06
MASTER/SLAVE
CONTROL
0
SLAVE TIMING
1
MASTER TIMING
TR00
LUMA DELAY
0
0ns DELAY
0
74ns DELAY
1
148ns DELAY
1
0
1
0
1
222ns DELAY
TR05 TR04
TIMING MODE
SELECTION
0
MODE 0
0
MODE 1
1
MODE 2
1
0
1
0
1
MODE 3
TR02 TR01
Figure 43. Timing Register 0
Table 15. TR0 Bit Description
Bit Name
Bit No.
Description
Master/Slave Control
TR00
This bit controls whether the ADV7174/ADV7179 is in master or slave mode.
Timing Mode Selection
TR02–TR01
These bits control the timing mode of the ADV7174/ADV7179. These modes are
described in more detail in the 3.3 V Timing Specifications table.
BLANK Input Control
TR03
This bit controls whether the BLANK input is used when the part is in slave mode.
Luma Delay
TR05–TR04
These bits control the addition of a luminance delay. Each bit represents a delay of
74 ns.
Pixel Port Control
TR06
This bit is used to set the pixel port to accept 8-bit or YCrCb data on Pins P7–P0.
0 must be written here.
Timing Register Reset
TR07
Toggling the TR07 from low to high and to low again resets the internal timing
counters. This bit should be toggled after power-up, reset, or changing to a new
timing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com