Electronic Components Datasheet Search
  English  ▼

X  

ADV7174BCP Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7174BCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7174BCP Datasheet HTML 12Page - Analog Devices ADV7174BCP Datasheet HTML 13Page - Analog Devices ADV7174BCP Datasheet HTML 14Page - Analog Devices ADV7174BCP Datasheet HTML 15Page - Analog Devices ADV7174BCP Datasheet HTML 16Page - Analog Devices ADV7174BCP Datasheet HTML 17Page - Analog Devices ADV7174BCP Datasheet HTML 18Page - Analog Devices ADV7174BCP Datasheet HTML 19Page - Analog Devices ADV7174BCP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 16 of 52
FEATURES
COLOR BAR GENERATION
The ADV7174/ADV7179 can be configured to generate 100/
7.5/75/7.5 color bars for NTSC or 100/0/75/0 for PAL color
bars. These are enabled by setting MR17 of Mode Register 1 to
Logic 1.
SQUARE PIXEL MODE
The ADV7174/ADV7179 can be used to operate in square pixel
mode. For NTSC operation, an input clock of 24.5454 MHz is
required. Alternatively, for PAL operation, an input clock of
29.5 MHz is required. The internal timing logic adjusts accord-
ingly for square pixel mode operation.
COLOR SIGNAL CONTROL
The color information can be switched on and off the video
output using Bit MR24 of Mode Register 2.
BURST SIGNAL CONTROL
The burst information can be switched on and off the video
output using Bit MR25 of Mode Register 2.
NTSC PEDESTAL CONTROL
The pedestal on both odd and even fields can be controlled on a
line-by-line basis using the NTSC pedestal control registers.
This allows the pedestals to be controlled during the vertical
blanking interval.
PIXEL TIMING DESCRIPTION
The ADV7174/ADV7179 operates in an 8-bit YCrCb mode.
8-Bit YCrCb Mode
This default mode accepts multiplexed YCrCb inputs through
the P7–P0 pixel inputs. The inputs follow the sequence Cb0, Y0
Cr0, Y1, Cb1, Y2, and so on. The Y, Cb, and Cr data are input on
a rising clock edge.
SUBCARRIER RESET
Together with the SCRESET/RTC pin and Bits MR22 and
MR21 of Mode Register 2, the ADV7174/ADV7179 can be used
in subcarrier reset mode. The subcarrier resets to Field 0 at the
start of the following field when a low-to-high transition occurs
on this input pin.
REAL-TIME CONTROL
Together with the SCRESET/RTC pin and Bits MR22 and MR21
of Mode Register 2, the ADV7174/ADV7179 can be used to
lock to an external video source. The real-time control mode
allows the ADV7174/ADV7179 to automatically alter the
subcarrier frequency to compensate for line length variation.
When the part is connected to a device that outputs a digital
data stream in the RTC format (such as a ADV7183A video
decoder; see Figure 19), the part automatically changes to the
compensated subcarrier frequency on a line-by-line basis. This
digital data stream is 67 bits wide and the subcarrier is contained
in Bits 0 to 21. Each bit is two clock cycles long. 00H should be
written into all four subcarrier frequency registers when using
this mode.
Video Timing Description
The ADV7174/ADV7179 is intended to interface with off-the-
shelf MPEG1 and MPEG2 decoders. Consequently, the
ADV7174/ADV7179 accepts 4:2:2 YCrCb pixel data via a
CCIR-656 pixel port and has several video timing modes of
operation that allow it to be configured as either a system
master video timing generator or as a slave to the system video
timing generator. The ADV7174/ADV7179 generates all of the
required horizontal and vertical timing periods and levels for
the analog video outputs.
The ADV7174/ADV7179 calculates the width and placement of
analog sync pulses, blanking levels, and color burst envelopes.
Color bursts are disabled on appropriate lines, and serration and
equalization pulses are inserted where required.
In addition, the ADV7174/ADV7179 supports a PAL or NTSC
square pixel operation in slave mode. The part requires an input
pixel clock of 24.5454 MHz for NTSC and an input pixel clock
of 29.5 MHz for PAL. The internal horizontal line counters
place the various video waveform sections into the correct
location for the new clock frequencies.
The ADV7174/ADV7179 has four distinct master and four
distinct slave timing configurations. Timing control is
established with the bidirectional HSYNC, BLANK, and
FIELD/VSYNC pins. Timing Mode Register 1 can also be used
to vary the timing pulse widths and where they occur in
relation to each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com