Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7617 Datasheet HTML 40Page - Analog Devices AD7617 Datasheet HTML 41Page - Analog Devices AD7617 Datasheet HTML 42Page - Analog Devices AD7617 Datasheet HTML 43Page - Analog Devices AD7617 Datasheet HTML 44Page - Analog Devices AD7617 Datasheet HTML 45Page - Analog Devices AD7617 Datasheet HTML 46Page - Analog Devices AD7617 Datasheet HTML 47Page - Analog Devices AD7617 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 43 of 51
CONFIGURATION REGISTER
The configuration register is used in software mode to configure many of the main functions of the ADC, including the sequencer, burst
mode, oversampling, and CRC options.
Address: 0x02, Reset: 0x0000, Name: Configuration Register
Table 22. Bit Descriptions for the Configuration Register
Bits
Bit Name
Settings
Description
Reset1
Access
[15:9]
Addressing
0
Bits[15:9] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
RW
8
RESERVED
Reserved.
0x0
R/W
7
SDEF
Self Detector Error Flag.
N/A
R
0
Test passed. The AD7617 has configured itself successfully after power-up.
1
Test failed. An issue was detected during device configuration. A reset is required.
6
BURSTEN
Burst mode enable.
0x0
RW
0
Burst mode is disabled. Each channel pair to be converted requires a CNVST pulse.
1
A single CNVST pulse converts every channel pair programmed in the 32-layer
sequencer stack registers up to and including the layer defined by the SSRENx bit.
See the Software Mode Sequencer section and the Software Mode Burst section for
further details.
5
SEQEN
Channel Sequencer Enable.
0x0
RW
0
The channel sequencer is disabled.
1
The channel sequencer is enabled.
[4:2]
OS
Oversampling (OS) Ratio, Samples Per Channel.
0x0
RW
000
Oversampling disabled. OSR = 1.
001
Oversampling enabled, OSR = 2.
010
Oversampling enabled, OSR = 4.
011
Oversampling enabled, OSR = 8.
100
Oversampling enabled, OSR = 16.
101
Oversampling enabled, OSR = 32.
110
Oversampling enabled, OSR = 64.
111
Oversampling enabled, OSR = 128.
1
STATUSEN
Status register output enable.
0x0
RW
0
The status register is not read out when reading the conversion result.
1
The status register is read out at the end of all the conversion words (including the
self test channel if enabled in sequencer mode) if all the selected channels are read
out. The CRC result is included in the last eight bits.
0
CRCEN
CRC Enable. The STATUSEN and CRCEN bits have identical functionality.
0x0
RW
1 N/A means not applicable.
CRC Enable
Status Register Output Enable
Self Detector Error Flag
OS Ratio, Samples Per Channel
111: OSR=128.
110: OSR=64.
101: OSR=32.
100: OSR=16.
011: OSR=8.
010: OSR=4.
001: OSR=2.
000: OSR=1.
Burs t Mode Enable
Channel Sequencer Enable
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] ADDRESSING (R/W)
[0] CRCEN (R/W)
[8] RESERVED
[1] STATUSEN (R/W)
[7] SDEF (R)
[4:2] OS (R/W)
[6] BURSTEN (R/W)
[5] SEQEN (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com