Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7617 Datasheet HTML 30Page - Analog Devices AD7617 Datasheet HTML 31Page - Analog Devices AD7617 Datasheet HTML 32Page - Analog Devices AD7617 Datasheet HTML 33Page - Analog Devices AD7617 Datasheet HTML 34Page - Analog Devices AD7617 Datasheet HTML 35Page - Analog Devices AD7617 Datasheet HTML 36Page - Analog Devices AD7617 Datasheet HTML 37Page - Analog Devices AD7617 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 33 of 51
Figure 56. Parallel Interface Conversion Readback
Figure 57. Parallel Interface Register Read
SERIAL INTERFACE
To interface to the AD7617 over the SPI, the SER/PAR pin must
be tied high. The CS and SCLK signals transfer data from the
AD7617. The AD7617 has two serial data output pins, SDOA
and SDOB. Data is read back from the AD7617 using serial
1-wire or serial 2-wire mode.
In serial 2-wire mode for the AD7617, conversion results from
Channel V0A to Channel V7A appear on SDOA, and conversion
results from Channel V0B to Channel V7B appear on SDOB.
In serial 1-wire mode, conversion results from Channel V0B
to Channel V7B are interlaced with conversion results from
Channel V0A to Channel V7A. To achieve the maximum
throughput, it is required to use 2-wire mode.
To read back data over both SDOA and SDOB, the SER1W pin
must be tied high. If data is read back over SDOA only, the tie
SER1W pin low. Serial 1-wire or 2-wire mode is configured
when the AD7617 is released from full reset.
Reading Conversion Results
The CONVST signal initiates the conversion process. A low to
high transition on the CONVST signal initiates a conversion of
the selected inputs. The BUSY signal goes high to indicate a
conversion is in progress. When the BUSY signal transitions
from high to low to indicate that a conversion is complete, it is
possible to read back conversion results on the serial interface.
The CS falling edge takes the data output lines, SDOA and SDOB,
out of three-state and clocks out the MSB of the conversion result.
The rising edge of SCLK clocks all subsequent data bits onto the
serial data outputs, SDOA and SDOB. Figure 58 shows a read of
two simultaneous conversion results using two SDOx lines on
the AD7617. If the status register is appended to the conversion
results or operating in sequencer burst mode where multiples of
16 SCLK transfers access data from the AD7617, hold CS low to
frame the entire data.
Data can also be clocked out using just one SDOx line, in which
case, use SDOA to access all conversion data. For the AD7617 to
access both Channel VxA and Channel VxB conversion results on
one SDOx line, a total of 32 SCLK cycles is required. Frame these
32 SCLK cycles using one CS signal, or individually frame each
group of 16 SCLK cycles using the CS signal. The disadvantage of
using just one SDOx line is that the throughput rate is reduced.
In serial 2-wire, 16 SCLK cycles are required to read a
conversion result. The first SCLK cycle reads the MSB of the
conversion results. The 14th SCLK cycle reads the LSB. The last
two SCLK cycles clock out zeros, as shown in Figure 58. In serial
1-wire, 32 SCLK cycles (or 2× 16 SCLK cycles) are required to
read a conversion result. The first 16 SCLK cycles read the
14-bit Channel VxA result, followed by two zeros. The next
16 SCLK cycles read the 14-bit Channel VxB result, followed by
two zeros, as shown in Figure 59. With CRC enabled, all 16 SCLK
cycles read the status register. Refer to the CRC section for
further information.
Leave the unused SDOB line unconnected in serial 1-wire mode. If
using SDOA as a single serial data output line, the channel results
are output in the following order: VxA and VxB. Figure 59 shows a
1-wire, serial readback operation.
The speed at which the data can be read back in serial interface
mode is dependent on SPI frequency, VDRIVE supply, and the
capacitance of the load on the SDO line, CLOAD. Table 15 shows a
summary of the maximum speed achievable for various conditions.
Table 15. SPI Frequency vs. Load Capacitance and VDRIVE
VDRIVE (V)
CLOAD (pF)
SPI Frequency (MHz)
2.3 to 3
20
40
3 to 3.6
30
50
CONVST
BUSY
CS
RD
CONV A
CONV B
DB15 TO DB0
CS
WR
RD
READ REG 1
DATA REG 1
READ REG 2
DATA REG 2
DB15 TO DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com