Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7617 Datasheet HTML 25Page - Analog Devices AD7617 Datasheet HTML 26Page - Analog Devices AD7617 Datasheet HTML 27Page - Analog Devices AD7617 Datasheet HTML 28Page - Analog Devices AD7617 Datasheet HTML 29Page - Analog Devices AD7617 Datasheet HTML 30Page - Analog Devices AD7617 Datasheet HTML 31Page - Analog Devices AD7617 Datasheet HTML 32Page - Analog Devices AD7617 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 28 of 51
DEVICE CONFIGURATION
OPERATIONAL MODE
The mode of operation, hardware mode or software mode, is
configured when the AD7617 is released from full reset. The
logic level of the HW_RNGSELx pins when the RESET pin
transitions from low to high determines the operational mode. The
HW_RNGSELx pins are dual function. If HW_RNGSELx = 00,
the AD7617 enters software mode. Any other combination of
the HW_RNGSELx configures the AD7617 in hardware mode and
the analog input range is configured as per Table 8. After software
mode is configured, the logic level of the HW_RNGSELx signals is
ignored. After an operational mode is configured, a full reset via
the RESET pin is required to exit the operational mode and to set
up an alternative mode. If hardware mode is selected, all further
device configuration is via pin control. Access to the on-chip
registers is prohibited in hardware mode. In software mode, the
interface and reference configuration must be configured via
pin control; however, all further device configuration is via
register access only.
INTERNAL/EXTERNAL REFERENCE
The internal reference is enabled or disabled when the AD7617
is released from a full reset. The logic level of the REFSEL signal
when the RESET pin transitions from low to high configures the
reference. After the reference is configured, changes to the logic
level of the REFSEL signal are ignored. If the REFSEL signal is
set to Logic 1, the internal reference is enabled. If REFSEL is set
to Logic 0, the internal reference is disabled and an external
reference must be supplied to the REFINOUT pin for correct
operation of the AD7617. A full reset via the RESET pin is
required to exit the operational mode and set up an alternative
mode.
Connect a 100 nF capacitor between the REFINOUT and
REFINOUTGND pins. If using an external reference, place a 10 kΩ
band limiting resistor in series between the reference and the
REFINOUT pin of the AD7617.
DIGITAL INTERFACE
The digital interface selection, parallel or serial, is configured
when the AD7617 is released from a full reset. The logic level of
the SER/PAR signal when the RESET pin transitions from low
to high configures the interface.
If the SER/PAR signal is set to 0, the parallel interface is enabled.
If the SER/PAR signal is set to 1, the serial interface is selected.
Additionally, if the serial interface is selected, the SER1W signal
is monitored when the RESET pin is released to determine if serial
1-wire or 2-wire mode is selected. After the interface is configured,
changes to the logic level of the SER/PAR signal or the SER1W
signal (when the serial interface is enabled) are ignored. A full
reset via the RESET pin is required to exit the operation mode
and set up an alternative mode.
HARDWARE MODE
If hardware mode is selected, the available functionality is restricted
and all functionality is configured via pin control. The logic level of
the following signals is checked after a full reset to configure the
functionality of the AD7617: CRC, BURST, SEQEN, and OSx.
Table 12 provides a summary of the signals that are latched by
the device on the release of a full reset, depending on the mode
of operation chosen. After the device is configured, a full reset via
the RESET pin is required to exit the configuration and set up
an alternative configuration. Functionality availability is restricted
depending on the interface type selected. See Table 11 for a full
list of the functionality available in hardware parallel or
serial mode.
The CHSELx pins are queried at reset to determine the initial
analog input channel pair to acquire for conversion or to configure
the initial settings for the sequencer. The channel pair selected
for conversion or the hardware sequencer can be reconfigured
during normal operation by setting and maintaining the
CHSELx signal level before the CONVST rising edge until the
BUSY falling edge.
The HW_RNGSELx signals control the analog input range for
all 16 analog input channels. A logic change on these pins has an
immediate effect on the analog input range; however, the typical
settling time is approximately 120 µs, in addition to the normal
acquisition time requirement. The recommended practice is to
hardwire the range select pins according to the desired input
range for the system signals.
Access to the on-chip registers is prohibited in hardware mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com