Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7617 Datasheet HTML 8Page - Analog Devices AD7617 Datasheet HTML 9Page - Analog Devices AD7617 Datasheet HTML 10Page - Analog Devices AD7617 Datasheet HTML 11Page - Analog Devices AD7617 Datasheet HTML 12Page - Analog Devices AD7617 Datasheet HTML 13Page - Analog Devices AD7617 Datasheet HTML 14Page - Analog Devices AD7617 Datasheet HTML 15Page - Analog Devices AD7617 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 11 of 51
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 7. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Type1
Mnemonic2
Description
1
AI GND
V4BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V4B.
2
AI
V4B
Analog Input for Channel 4, ADC B.
3
AI GND
V5BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V5B.
4
AI
V5B
Analog Input for Channel 5, ADC B.
5, 16, 29, 72
GND
AGND
Analog Supply Ground Pin.
6, 15, 30, 71
P
VCC
Analog Supply Voltage, 4.75 V to 5.25 V. This supply voltage is applied to the internal front-
end amplifiers and to the ADC core. Decouple these pins to AGND using 0.1 µF and 10 µF
capacitors in parallel.
7
AI
V6B
Analog Input for Channel 6, ADC B.
8
AI GND
V6BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V6B.
9
AI
V7B
Analog Input for Channel 7, ADC B.
10
AI GND
V7BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V7B.
11
AI GND
V7AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V7A.
12
AI
V7A
Analog Input for Channel 7, ADC A.
13
AI GND
V6AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V6A.
14
AI
V6A
Analog Input for Channel 6, ADC A.
17
AI
V5A
Analog Input for Channel 5, ADC A.
18
AI GND
V5AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V5A.
19
AI
V4A
Analog Input for Channel 4, ADC A.
20
AI GND
V4AGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V4A.
V4BGND
V4B
V5BGND
V5B
AGND
VCC
V6B
V6BGND
V7B
V7BGND
V7AGND
V7A
V6AGND
V6A
VCC
AGND
V5A
V5AGND
V4A
V4AGND
DB12/SDOA
DB13/OS0
DB14/OS1
DB15/OS2
DB11/SDOB
DB10/SDI
DB9
DB8
REGCAPD
REGGNDD
DGND
VDRIVE
DB7
DB6
DB5/CRCEN
DB3
DB2
DB1
DB0
AD7617
TOP VIEW
(Not to Scale)
DB4/SER1W
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
11
59
58
57
54
55
56
60
53
52
51
49
48
47
46
45
44
43
42
41
50
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
ANALOG INPUT
DECOUPLING CAP PIN
POWER SUPPLY
GROUND PIN
DIGITAL INPUT
REFERENCE INPUT/OUTPUT
DIGITAL INPUT/OUTPUT
DIGITAL OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com