Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7617 Datasheet HTML 3Page - Analog Devices AD7617 Datasheet HTML 4Page - Analog Devices AD7617 Datasheet HTML 5Page - Analog Devices AD7617 Datasheet HTML 6Page - Analog Devices AD7617 Datasheet HTML 7Page - Analog Devices AD7617 Datasheet HTML 8Page - Analog Devices AD7617 Datasheet HTML 9Page - Analog Devices AD7617 Datasheet HTML 10Page - Analog Devices AD7617 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 6 of 51
TIMING SPECIFICATIONS
Universal Timing Specifications
VCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 3.6 V, VREF = 2.5 V external reference/internal reference, TA = −40°C to +125°C, unless otherwise noted.
Interface timing tested using a load capacitance (CLOAD) of 30 pF, dependent on VDRIVE and load capacitance for serial interface (see Table 15).
Table 2.
Parameter1
Min
Typ
Max
Unit
Description
tCYCLE
1
µs
Minimum time between consecutive CONVST rising edges (excluding burst and
oversampling modes)
tCONV_LOW
50
ns
CONVST low pulse width
tCONV_HIGH
50
ns
CONVST high pulse width
tBUSY_DELAY
32
ns
CONVST high to BUSY high (manual mode)
tCS_SETUP
20
ns
BUSY falling edge to CS falling edge setup time
tCH_SETUP
50
ns
Channel select setup time in hardware mode for CHSELx
tCH_HOLD
20
ns
Channel select hold time in hardware mode for CHSELx
tCONV
475
520
ns
Conversion time for the selected channel pair
tACQ
480
ns
Acquisition time for the selected channel pair
tQUIET
50
ns
CS rising edge to next CONVST rising edge
tRESET_LOW
Partial Reset
40
500
ns
Partial RESET low pulse width
Full Reset
1.2
µs
Full RESET low pulse width
tDEVICE_SETUP
Partial Reset
50
ns
Time between partial RESET high and CONVST rising edge
Full Reset
15
ms
Time between full RESET high and CONVST rising edge
tWRITE
Partial Reset
50
ns
Time between partial RESET high and CS for write operation
Full Reset
240
µs
Time between full RESET high and CS for write operation
tRESET_WAIT
1
ms
Time between stable VCC/VDRIVE and release of RESET (see Figure 51)
tRESET_SETUP
Time prior to release of RESET that queried hardware inputs must be stable for (see Figure 51)
Partial Reset
10
ns
Full Reset
0.05
ms
tRESET_HOLD
Time after release of RESET that queried hardware inputs must be stable for (see Figure 51)
Partial Reset
10
ns
Full Reset
0.24
ms
1
Not production tested. Sample tested during initial release to ensure compliance.
Figure 2. Universal Timing Diagram Across All Interfaces
CONVST
BUSY
CS
CHx
CHy
CHSEL0 TO
CHSEL2
t
BUSY_DELAY
t
CONV_HIGH
t
QUIET
t
CS_SETUP
t
CH_SETUP
t
CH_HOLD
HARDWARE
MODE ONLY
t
CYCLE
t
CONV_LOW
t
CONV
t
ACQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com