Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7617 Datasheet HTML 21Page - Analog Devices AD7617 Datasheet HTML 22Page - Analog Devices AD7617 Datasheet HTML 23Page - Analog Devices AD7617 Datasheet HTML 24Page - Analog Devices AD7617 Datasheet HTML 25Page - Analog Devices AD7617 Datasheet HTML 26Page - Analog Devices AD7617 Datasheet HTML 27Page - Analog Devices AD7617 Datasheet HTML 28Page - Analog Devices AD7617 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 24 of 51
If there is no corresponding resistor on the VxAGND or
VxBGND channel, an offset error occurs on that channel. Use
the input overvoltage clamp protection circuitry to protect the
AD7617 against transient overvoltage events. It is not recom-
mended to leave the AD7617 in a condition where the clamp
protection circuitry is active in normal or power-down
conditions for extended periods.
Figure 44. Input Resistance Matching on the Analog Input
Analog Input Antialiasing Filter
An analog antialiasing filter (a first-order Butterworth) is also
provided on the AD7617. Figure 45 and Figure 46 show the
frequency and phase response, respectively, of the analog
antialiasing filter. The typical corner frequency in the ±10 V
range is 39 kHz, and 33 kHz in the ±5 V range.
Figure 45. Analog Antialiasing Filter Frequency Response
Figure 46. Analog Antialiasing Filter Phase Response
ADC TRANSFER FUNCTION
The output coding of the AD7617 is twos complement. The code
transitions occur midway between successive integer LSB values,
that is, 1/2 LSB and 3/2 LSB. The LSB size is full-scale range ÷
16,384 for the AD7617. The ideal transfer characteristics for the
AD7617 are shown in Figure 47 and Figure 9. The LSB size is
dependent on the analog input range selected.
Figure 47. Transfer Characteristics
Table 9.
Range
+FS
Midscale
−FS
LSB
±10 V
+10 V
0 V
−10 V
+1220 μV
±5 V
+5 V
0 V
−5 V
+610 μV
±2.5 V
+2.5 V
0 V
−2.5 V
+305 μV
INTERNAL/EXTERNAL REFERENCE
The AD7617 can operate with either an internal or external
reference. The device contains an on-chip 2.5 V band gap refer-
ence. The REFINOUT pin allows access to the 2.5 V reference
that generates the on-chip 4.096 V reference internally, or it allows
an external reference of 2.5 V to be applied to the AD7617. An
externally applied reference of 2.5 V is also amplified to 4.096 V
using the internal buffer. This 4.096 V buffered reference is the
reference used by the SAR ADC.
The REFSEL pin is a logic input pin that allows the user to select
between the internal reference and an external reference. If this
pin is set to logic high, the internal reference is selected and
enabled. If this pin is set to logic low, the internal reference is
disabled, and an external reference voltage must be applied
to the REFINOUT pin.
The internal reference buffer is always enabled. After a full reset,
the AD7617 operates in the reference mode selected by the
REFSEL pin. Decoupling is required on the REFINOUT pin for
both the internal and external reference options. A 100 nF, X7R
ceramic capacitor is required on the REFINOUT pin to
REFINOUTGND.
1MΩ
CLAMP
Vxx
1MΩ
CLAMP
VxxGND
RFB
RFB
C
R
R
ANALOG
INPUT
SIGNAL
AD7617
–30
–25
–20
–15
–10
–5
0
5
100
1k
10k
100k
INPUT FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE
0
1
2
3
4
5
6
100
1k
10k
100k
INPUT FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE
011...111
011...110
000...001
000...000
111...111
100...010
100...001
100...000
–FS + 1/2LSB 0V – 1/2LSB +FS – 3/2LSB
ANALOG INPUT
+FS – (–FS)
2N*
*WHERE N IS THE NUMBER OF BITS OF THE CONVERTER
LSB =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com