Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7617 Datasheet HTML 24Page - Analog Devices AD7617 Datasheet HTML 25Page - Analog Devices AD7617 Datasheet HTML 26Page - Analog Devices AD7617 Datasheet HTML 27Page - Analog Devices AD7617 Datasheet HTML 28Page - Analog Devices AD7617 Datasheet HTML 29Page - Analog Devices AD7617 Datasheet HTML 30Page - Analog Devices AD7617 Datasheet HTML 31Page - Analog Devices AD7617 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 27 of 51
Figure 50. Typical External Connections
ADC
ADC
PGA
PGA
BUF
2.5V
REF
ALDO
DLDO
R
R
R
R
C
C
10µF
X5R
0.1µF
X7R
REFINOUT
REFINOUTGND
REFCAP
REFGND
VCC
VDRIVE
5V
2.5V/3.3V
10µF
10µF
0.1µF
0.1µF
10µF
10µF
AD7617
REGCAP
REGGND
REGCAPD
REGGNDD
VxA
VxAGND
VxBGND
VxB
MUX
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com