Electronic Components Datasheet Search
  English  ▼

X  

AD7617 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617 Datasheet(HTML) 5 Page - Analog Devices

  AD7617 Datasheet HTML 1Page - Analog Devices AD7617 Datasheet HTML 2Page - Analog Devices AD7617 Datasheet HTML 3Page - Analog Devices AD7617 Datasheet HTML 4Page - Analog Devices AD7617 Datasheet HTML 5Page - Analog Devices AD7617 Datasheet HTML 6Page - Analog Devices AD7617 Datasheet HTML 7Page - Analog Devices AD7617 Datasheet HTML 8Page - Analog Devices AD7617 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 4 of 51
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Drift3
External reference
±2
±5
ppm/°C
Internal reference
±3
±10
ppm/°C
Matching1
±10 V range
1
3
LSB
±5 V range
1
LSB
±2.5 V range
1
LSB
Bipolar Zero Code Error1
±10 V range
±0.15
±2.5
LSB
±5 V range
±0.2
±2.5
LSB
±2.5 V range
±0.7
±3.5
LSB
Drift3
±10 V range
±1.5
±21
μV/°C
±5 V range
±1
μV/°C
±2.5 V range
±0.5
μV/°C
Matching1
±10 V range
±0.5
±2.5
LSB
±5 V range
±0.75
LSB
±2.5 V range
±0.75
LSB
Negative Full-Scale (NFS) Error1, 5
External reference
±10 V range
±1
±8
LSB
±5 V range
±0.75
LSB
±2.5 V range
±1.5
LSB
Internal reference
±10 V range
±1
LSB
Drift3
External reference
±2
±5
ppm/°C
Internal reference
±4
±10
ppm/°C
Matching1
±10 V range
1
3
LSB
±5 V range
1
LSB
±2.5 V range
2
LSB
ANALOG INPUT
Input Voltage Ranges
Software/hardware selectable, ±10 V range
±10
V
Software/hardware selectable, ±5 V range
±5
V
Software/hardware selectable, ±2.5 V range
±2.5
V
Analog Input Current
±10 V range, see Figure 34
±10.5
μA
±5 V range, see Figure 34
±6.5
μA
±2.5 V range, see Figure 34
±4
μA
Input Capacitance6
10
pF
Input Impedance
See the Analog Input section
0.85
1
MΩ
Input Impedance Drift3
25
ppm/°C
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
See the ADC Transfer Function section
2.495
2.5
2.505
V
DC Leakage Current
±1
μA
Input Capacitance6
REFSEL = 1
7.5
pF
Reference Output Voltage
Measured at REFINOUT
2.495
2.505
V
Reference Temperature Coefficient3
±2
±15
ppm/°C
LOGIC INPUTS
Input Voltage
High (VINH)
VDRIVE = 2.7 V to 3.6 V
2
V
VDRIVE = 2.3 V to 2.7 V
1.7
V
Low (VINL)
VDRIVE = 2.7 V to 3.6 V
0.8
V
VDRIVE = 2.3 V to 2.7 V
0.7
V
Input Current (IIN)
±1
μA
Input Capacitance (CIN)6
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com