Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9633 Datasheet HTML 32Page - Analog Devices AD9633 Datasheet HTML 33Page - Analog Devices AD9633 Datasheet HTML 34Page - Analog Devices AD9633 Datasheet HTML 35Page - Analog Devices AD9633 Datasheet HTML 36Page - Analog Devices AD9633 Datasheet HTML 37Page - Analog Devices AD9633 Datasheet HTML 38Page - Analog Devices AD9633 Datasheet HTML 39Page - Analog Devices AD9633 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 35 of 41
Addr
(Hex)
Parameter
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode
0 = off
1 = on
Open
Open
0x00
Enables/
disables chop
mode.
0x0D
Test mode
(local except
for PN sequence
resets)
User input test mode
00 = single
01 = alternate
10 = single once
11 = alternate
once (affects user input
test
mode only,
Bits[3:0] = 1000)
Reset PN
long gen
Reset PN
short
gen
Output test mode[3:0] (local)
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = one/zero word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set,
the test data
is placed on
the output pins
in place of
normal data.
0x10
Offset adjust
(local)
8-bit device offset adjustment[7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset
trim.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option
0 = LVDS-
ANSI
1 = LVDS-
IEEE reduced
range link
(global)
see Table 18
Open
Open
Open
Output
invert
(local)
Open
Output
format
0 = offset
binary
1 = twos
comple-
ment
(global)
0x01
Configures
the outputs
and the
format of
the data.
0x15
Output adjust
Open
Open
Output driver
termination[1:0]
00 = none
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
Open
Open
Open
Output
drive
0 = 1×
drive
1 = 2×
drive
0x00
Determines
LVDS or other
output
properties.
0x16
Output phase
Open
Input clock phase adjust[6:4]
(value is number of input
clock cycles of phase delay)
see Table 19
Output clock phase adjust[3:0]
(0000 through 1011)
see Table 20
0x03
On devices
that use
global clock
divide,
determines
which phase
of the divider
output is used
to supply the
output clock.
Internal latching
is unaffected.
0x18
VREF
Open
Open
Open
Open
Open
Internal VREF adjustment
digital scheme[2:0]
000 = 1.0 V p-p
001 = 1.14 V p-p
010 = 1.33 V p-p
011 = 1.6 V p-p
100 = 2.0 V p-p
0x04
Selects and/
or adjusts the
VREF.
0x19
USER_PATT1_LSB
(global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 1
LSB.
0x1A
USER_PATT1_MSB
(global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 1
MSB.
0x1B
USER_PATT2_LSB
(global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 2
LSB.
0x1C
USER_PATT2_MSB
(global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 2
MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com