Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 1 Page - Analog Devices

  AD9633 Datasheet HTML 1Page - Analog Devices AD9633 Datasheet HTML 2Page - Analog Devices AD9633 Datasheet HTML 3Page - Analog Devices AD9633 Datasheet HTML 4Page - Analog Devices AD9633 Datasheet HTML 5Page - Analog Devices AD9633 Datasheet HTML 6Page - Analog Devices AD9633 Datasheet HTML 7Page - Analog Devices AD9633 Datasheet HTML 8Page - Analog Devices AD9633 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Quad, 12-Bit, 80 MSPS/105 MSPS/
125 MSPS, Serial LVDS 1.8 V ADC
Data Sheet
AD9633
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V supply operation
Low power: 100 mW per channel at 125 MSPS with scalable
power options
SNR = 71 dB (to Nyquist)
SFDR = 91 dBc (to Nyquist)
DNL = ±0.3 LSB (typical); INL = ±0.5 LSB (typical)
Serial LVDS (ANSI-644, default) and low power, reduced
signal option (similar to IEEE 1596.3)
650 MHz full power analog bandwidth
2 V p-p input voltage range
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Multichip sync and clock divider
Programmable output clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical ultrasound
High speed imaging
Quadrature radio receivers
Diversity radio receivers
Test equipment
GENERAL DESCRIPTION
The AD9633 is a quad, 12-bit, 80 MSPS/105 MSPS/125 MSPS
analog-to-digital converter (ADC) with an on-chip sample-and-
hold circuit designed for low cost, low power, small size, and
ease of use. The product operates at a conversion rate of up to
125 MSPS and is optimized for outstanding dynamic performance
and low power in applications where a small package size is
critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided. Individual-channel
power-down is supported and typically consumes less than 2 mW
when all channels are disabled.
FUNCTIONAL BLOCK DIAGRAM
AD9633
AVDD
PDWN
DRVDD
REF
SELECT
VIN–A
VIN+A
VIN–B
RBIAS
VIN+B
VIN–D
VIN+D
VIN–C
VIN+C
SENSE
AGND
VCM
VREF
D0–A
D0+A
D0–B
D0+B
D1–B
D1+B
D1–C
D1+C
D0–C
D0+C
D1–D
D1+D
DCO–
DCO+
D0–D
D0+D
FCO–
FCO+
D1–A
D1+A
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
SERIAL
LVDS
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
SERIAL PORT
INTERFACE
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
PIPELINE
ADC
12
12
12
12
1V
CLOCK
MANAGEMENT
Figure 1.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
output clock and data alignment and digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom user-
defined test patterns entered via the serial port interface (SPI).
The AD9633 is available in a RoHS-compliant, 48-lead LFCSP.
It is specified over the industrial temperature range of −40°C to
+85°C. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Four ADCs are contained in a small, space-
saving package.
2.
Low power of 100 mW/channel at 125 MSPS with scalable
power options.
3.
Pin compatible to the AD9253 14-bit quad ADC.
4.
Ease of Use. A data clock output (DCO) operates at
frequencies of up to 375 MHz and supports double data
rate (DDR) operation.
5.
User Flexibility. The SPI control offers a wide range of flexible
features to meet specific system requirements.


Similar Part No. - AD9633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9633-125EBZ AD-AD9633-125EBZ Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9633BCPZ-105 AD-AD9633BCPZ-105 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9633BCPZ-125 AD-AD9633BCPZ-125 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9633BCPZ-80 AD-AD9633BCPZ-80 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
More results

Similar Description - AD9633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9653 AD-AD9653 Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
Serial LVDS 1.8 V ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com