Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9633 Datasheet HTML 33Page - Analog Devices AD9633 Datasheet HTML 34Page - Analog Devices AD9633 Datasheet HTML 35Page - Analog Devices AD9633 Datasheet HTML 36Page - Analog Devices AD9633 Datasheet HTML 37Page - Analog Devices AD9633 Datasheet HTML 38Page - Analog Devices AD9633 Datasheet HTML 39Page - Analog Devices AD9633 Datasheet HTML 40Page - Analog Devices AD9633 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AD9633
Data Sheet
Rev. B | Page 36 of 41
Addr
(Hex)
Parameter
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x21
Serial output
data control
(global)
LVDS
output
LSB
first
SDR/DDR one-lane/two-lane,
bitwise/bytewise[6:4]
000 = SDR two-lane, bitwise
001 = SDR two-lane, bytewise
010 = DDR two-lane, bitwise
011 = DDR two-lane, bytewise
100 = DDR one-lane
Open
Select 2×
frame
Serial output
number of bits
10 = 12 bits
11 = 10 bits
0x32
Serial stream
control. Default
causes MSB first
and the native
bit stream.
0x22
Serial channel
status (local)
Open
Open
Open
Open
Open
Open
Channel
output
reset
Channel
power-
down
0x00
Used to power
down individual
sections of a
converter.
0x100
Resolution/
sample rate
override
Open
Resolution/
sample rate
override
enable
Resolution
10 = 12 bits
11 = 10 bits
Open
Sample rate
000 = 20 MSPS
001 = 40 MSPS
010 = 50 MSPS
011 = 65 MSPS
100 = 80 MSPS
101 = 105 MSPS
110 = 125 MSPS
0x00
Resolution/
sample rate
override
(requires
transfer
register,
0xFF).
0x101
User I/O Control 2
Open
Open
Open
Open
Open
Open
Open
SDIO
pull-
down
0x00
Disables SDIO
pull-down.
0x102
User I/O Control 3
Open
Open
Open
Open
VCM
power-
down
Open
Open
Open
0x00
VCM control.
0x109
Sync
Open
Open
Open
Open
Open
Open
Sync
next
only
Enable
sync
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com