Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9633 Datasheet HTML 4Page - Analog Devices AD9633 Datasheet HTML 5Page - Analog Devices AD9633 Datasheet HTML 6Page - Analog Devices AD9633 Datasheet HTML 7Page - Analog Devices AD9633 Datasheet HTML 8Page - Analog Devices AD9633 Datasheet HTML 9Page - Analog Devices AD9633 Datasheet HTML 10Page - Analog Devices AD9633 Datasheet HTML 11Page - Analog Devices AD9633 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 7 of 41
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK+ setup time
1.2
ns min
tHSYNC
SYNC to rising edge of CLK+ hold time
−0.2
ns min
SPI TIMING REQUIREMENTS
See Figure 73
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in Figure 73)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in Figure 73)
10
ns min
Timing Diagrams
Refer to the Memory Map Register Descriptions section and Table 21 for SPI register settings.
D0–A
D0+A
D1–A
D1+A
FCO–
BYTEWISE
MODE
FCO+
D0–A
D0+A
D1–A
D1+A
FCO–
DCO–
CLK+
CLK–
DCO+
FCO+
BITWISE
MODE
SDR
DDR
DCO–
DCO+
D10
N – 16
D08
N – 16
D06
N – 16
D04
N – 16
D02
N – 16
LSB
N – 16
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
MSB
N – 16
D09
N – 16
D07
N – 16
D05
N – 16
D03
N – 16
D01
N – 16
MSB
N – 17
D09
N – 17
D07
N – 17
D05
N – 17
D03
N – 17
D01
N – 17
D05
N – 16
D04
N – 16
D03
N – 16
D02
N – 16
D01
N – 16
LSB
N – 16
D05
N – 17
D04
N – 17
D03
N – 17
D02
N – 17
D01
N – 17
LSB
N – 17
MSB
N – 16
D10
N – 16
D09
N – 16
D08
N – 16
D07
N – 16
D06
N – 16
MSB
N – 17
D10
N – 17
D09
N – 17
D08
N – 17
D07
N – 17
D06
N – 17
tEH
tCPD
tFRAME
tFCO
tPD
tDATA
tLD
VIN±x
tA
N – 1
N
N + 1
tEL
Figure 2. 12-Bit DDR/SDR, Two-Lane, 1× Frame Mode (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com