Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9633 Datasheet HTML 3Page - Analog Devices AD9633 Datasheet HTML 4Page - Analog Devices AD9633 Datasheet HTML 5Page - Analog Devices AD9633 Datasheet HTML 6Page - Analog Devices AD9633 Datasheet HTML 7Page - Analog Devices AD9633 Datasheet HTML 8Page - Analog Devices AD9633 Datasheet HTML 9Page - Analog Devices AD9633 Datasheet HTML 10Page - Analog Devices AD9633 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AD9633
Data Sheet
Rev. B | Page 6 of 41
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 4.
Parameter1, 2
Temp
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
10
1000
MHz
Conversion Rate4
Full
10
80/105/125
MSPS
Clock Pulse Width High (tEH)
Full
6.25/4.76/4.00
ns
Clock Pulse Width Low (tEL)
Full
6.25/4.76/4.00
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)
Full
1.5
2.3
3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
1.5
2.3
3.1
ns
DCO Propagation Delay (tCPD)5
Full
tFCO + (tSAMPLE/12)
ns
DCO to Data Delay (tDATA)5
Full
(tSAMPLE/12) − 300
(tSAMPLE/12)
(tSAMPLE/12) + 300
ps
DCO to FCO Delay (tFRAME)5
Full
(tSAMPLE/12) − 300
(tSAMPLE/12)
(tSAMPLE/12) + 300
ps
Lane Delay (tLD)
90
ps
Data to Data Skew (tDATA-MAX − tDATA-MIN)
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)6
25°C
375
μs
Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Delay (tA)
25°C
1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
135
fs rms
Out-of-Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
Can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4
The maximum conversion rate is based on two-lane output mode. See the Digital Outputs and Timing section for the maximum conversion rate in one-lane output
mode.
5
tSAMPLE/12 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/fS.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com