Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9633 Datasheet HTML 23Page - Analog Devices AD9633 Datasheet HTML 24Page - Analog Devices AD9633 Datasheet HTML 25Page - Analog Devices AD9633 Datasheet HTML 26Page - Analog Devices AD9633 Datasheet HTML 27Page - Analog Devices AD9633 Datasheet HTML 28Page - Analog Devices AD9633 Datasheet HTML 29Page - Analog Devices AD9633 Datasheet HTML 30Page - Analog Devices AD9633 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AD9633
Data Sheet
Rev. B | Page 26 of 41
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) can be calculated by
)
2
1
(
log
20
=
10
j
A
t
f
ation
SNR Degrad
×
×
π
In this equation, the rms aperture jitter represents the root sum
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 67).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9633.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources. If the clock is generated from another
type of source (by gating, dividing, or other methods), it should
be retimed by the original clock at the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 67. Ideal SNR vs. Input Frequency and Jitter
POWER DISSIPATION AND POWER-DOWN MODE
As shown in Figure 68, the power dissipated by the AD9633 is
proportional to its sample rate. The digital power dissipation
does not vary significantly because it is determined primarily by
the DRVDD supply and bias current of the LVDS output drivers.
350
300
250
200
150
100
10
130
SAMPLE RATE (MSPS)
20
30
40
50
60
70
80
90
100 110
120
50 MSPS
80 MSPS
105 MSPS
125 MSPS
40 MSPS
20 MSPS
65 MSPS
Figure 68. Analog Core Power vs. fSAMPLE for fIN = 10.3 MHz
The AD9633 is placed in power-down mode either by the SPI
port or by asserting the PDWN pin high. In this state, the ADC
typically dissipates 2 mW. During power-down, the output drivers
are placed in a high impedance state. Asserting the PDWN pin
low returns the AD9633 to its normal operating mode. Note
that PDWN is referenced to the digital output driver supply
(DRVDD) and should not exceed that supply voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times. When using the SPI port
interface, the user can place the ADC in power-down mode or
standby mode. Standby mode allows the user to keep the internal
reference circuitry powered when faster wake-up times are
required. See the Memory Map section for more details on using
these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com