Electronic Components Datasheet Search
  English  ▼

X  

AD9633 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9633 Datasheet HTML 2Page - Analog Devices AD9633 Datasheet HTML 3Page - Analog Devices AD9633 Datasheet HTML 4Page - Analog Devices AD9633 Datasheet HTML 5Page - Analog Devices AD9633 Datasheet HTML 6Page - Analog Devices AD9633 Datasheet HTML 7Page - Analog Devices AD9633 Datasheet HTML 8Page - Analog Devices AD9633 Datasheet HTML 9Page - Analog Devices AD9633 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 5 of 41
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 3.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
0.2
3.6
V p-p
Input Voltage Range
Full
AGND − 0.2
AVDD + 0.2
V
Input Common-Mode Voltage
Full
0.9
V
Input Resistance (Differential)
25°C
10
kΩ
Input Capacitance
25°C
4
pF
LOGIC INPUTS (PDWN, SYNC, SCLK)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (SDIO)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
5
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
V
DIGITAL OUTPUTS (D0±x, D1±x), ANSI-644
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
290
345
400
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Twos complement
DIGITAL OUTPUTS (D0±x, D1±x), LOW POWER,
REDUCED SIGNAL OPTION
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
160
200
230
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Twos complement
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
This is specified for LVDS and LVPECL only.
3
This is specified for 13 SDIO/OLM pins sharing the same connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com