Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 4 Page - Analog Devices

  AD9637 Datasheet HTML 1Page - Analog Devices AD9637 Datasheet HTML 2Page - Analog Devices AD9637 Datasheet HTML 3Page - Analog Devices AD9637 Datasheet HTML 4Page - Analog Devices AD9637 Datasheet HTML 5Page - Analog Devices AD9637 Datasheet HTML 6Page - Analog Devices AD9637 Datasheet HTML 7Page - Analog Devices AD9637 Datasheet HTML 8Page - Analog Devices AD9637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temp
AD9637-40
AD9637-80
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−0.6
−0.3
+0.1
−0.7
−0.3
+0.1
% FSR
Offset Matching
Full
0.0
0.2
0.6
0.0
0.2
0.6
% FSR
Gain Error
Full
−8.0
−2.1
+2.0
−7.0
−3.2
+1.0
% FSR
Gain Matching
Full
−1.0
+1.7
+5.0
−1.0
+2.3
+6.0
% FSR
Differential Nonlinearity (DNL)
Full
−0.8
±0.3
+0.8
−0.8
±0.4
+0.8
LSB
Integral Nonlinearity (INL)
Full
−1.0
±0.4
+1.0
−1.2
±0.5
+1.2
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
0.99
1.01
0.98
0.99
1.01
V
Load Regulation at 1.0 mA (VREF = 1 V)
Full
2
2
mV
Input Resistance
Full
7.5
7.5
kΩ
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.36
0.49
LSB rms
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
0.9
0.9
V
Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
Differential Input Resistance
5.2
5.2
kΩ
Differential Input Capacitance
Full
3.5
3.5
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD (Eight Channels)
Full
142
151
221
234
mA
IDRVDD (Eight Channels, ANSI-644 Mode)
Full
51
79
58
85
mA
IDRVDD (Eight Channels, Reduced Range Mode)
25°C
36
43
mA
TOTAL POWER CONSUMPTION
Total Power Dissipation (Eight Channels, ANSI-644 Mode)
Full
347
414
502
574
mW
Total Power Dissipation (Eight Channels, Reduced Range Mode)
25°C
320
475
mW
Power-Down Dissipation
25°C
1
1
mW
Standby Dissipation2
25°C
72
98
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Can be controlled via the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com