Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9637 Datasheet HTML 27Page - Analog Devices AD9637 Datasheet HTML 28Page - Analog Devices AD9637 Datasheet HTML 29Page - Analog Devices AD9637 Datasheet HTML 30Page - Analog Devices AD9637 Datasheet HTML 31Page - Analog Devices AD9637 Datasheet HTML 32Page - Analog Devices AD9637 Datasheet HTML 33Page - Analog Devices AD9637 Datasheet HTML 34Page - Analog Devices AD9637 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9637
Data Sheet
Rev. A | Page 30 of 40
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the chip
configuration registers (Address 0x00 to Address 0x02); the
device index and transfer registers (Address 0x05 and Address
0xFF) and the global ADC functions registers, including setup,
control, and test (Address 0x08 to Address 0x109).
The memory map register table (see Table 17) lists the default
hexadecimal value for each hexadecimal address shown. The
column with the heading Bit 7 (MSB) is the start of the default
hexadecimal value given. For example, Address 0x05, the device
index register, has a hexadecimal default value of 0x3F. This
means that in Address 0x05, Bits[7:6] = 0, and the remaining
Bits[5:0] = 1. This setting is the default channel index setting.
The default value results in both ADC channels receiving the
next write command. For more information on this function
and others, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI. This application note details the
functions controlled by Register 0x00 to Register 0xFF. The
remaining registers are documented in the Memory Map
Register Descriptions section.
Open Locations
All address and bit locations that are not included in Table 17
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x05). If the entire address location
is open or not listed in Table 17 (for example, Address 0x13) this
address location should not be written.
Default Values
After the AD9637 is reset, critical registers are loaded with
default values. The default values for the registers are given in
Table 17, the memory map register table.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions can be programmed differently
for each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in Table 17 as local. These local registers and bits
can be accessed by setting the appropriate data channel bits (A
through H) and the clock channel DCO/FCO bits (Bits[5:4]) in
Register 0x04 and Register 0x05. If all the bits are set, the subse-
quent write affects the registers of all channels and the DCO/
FCO clock channels. In a read cycle, only one of the channels
should be set to read one of the four local registers. If all the bits
are set during a SPI read cycle, the part returns the value for
Channel A. Registers and bits designated as global in Table 17
affect the entire part or the channel features for which inde-
pendent settings are not allowed between channels. The settings
in Register 0x04 and Register 0x05 do not affect the global
registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com