Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9637 Datasheet HTML 10Page - Analog Devices AD9637 Datasheet HTML 11Page - Analog Devices AD9637 Datasheet HTML 12Page - Analog Devices AD9637 Datasheet HTML 13Page - Analog Devices AD9637 Datasheet HTML 14Page - Analog Devices AD9637 Datasheet HTML 15Page - Analog Devices AD9637 Datasheet HTML 16Page - Analog Devices AD9637 Datasheet HTML 17Page - Analog Devices AD9637 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 13 of 40
0
100,000
200,000
300,000
400,000
500,000
600,000
700,000
OUTPUT CODE
0.491 LSB RMS
Figure 18. Input Referred Noise Histogram, fSAMPLE = 80 MSPS
2.0
–2.0
OUTPUT CODE
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
Figure 19. INL, fIN = 9.7 MHz, fSAMPLE = 80 MSPS
1.0
–1.0
OUTPUT CODE
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
Figure 20. DNL, fIN = 9.7 MHz, fSAMPLE = 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com