Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9637 Datasheet HTML 6Page - Analog Devices AD9637 Datasheet HTML 7Page - Analog Devices AD9637 Datasheet HTML 8Page - Analog Devices AD9637 Datasheet HTML 9Page - Analog Devices AD9637 Datasheet HTML 10Page - Analog Devices AD9637 Datasheet HTML 11Page - Analog Devices AD9637 Datasheet HTML 12Page - Analog Devices AD9637 Datasheet HTML 13Page - Analog Devices AD9637 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD
VIN+ G
VIN– G
AVDD
VIN– H
VIN+ H
AVDD
AVDD
CLK–
CLK+
AVDD
AVDD
DNC
DRVDD
D– H
D+ H
AVDD
VIN+ B
VIN– B
AVDD
VIN– A
VIN+ A
AVDD
PDWN
CSB
SDIO/DFS
SCLK/DTP
AVDD
DNC
DRVDD
D+ A
D– A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9637
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO ANALOG GROUND.
PIN 1
INDICATOR
Figure 5. Pin Configuration, Top View
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0, EP
AGND,
Exposed Pad
Analog Ground, Exposed Pad. The exposed thermal pad on the bottom of the package provides the
analog ground for the part. This exposed pad must be connected to analog ground for proper operation.
1, 4, 7, 8, 11,
12, 37, 42, 45,
48, 51, 59, 62
AVDD
1.8 V Analog Supply.
13, 36
DNC
Do Not Connect. Do not connect to this pin.
14, 35
DRVDD
1.8 V Digital Output Driver Supply.
2, 3
VIN+ G, VIN− G
ADC G Analog Input True, ADC G Analog Input Complement.
5, 6
VIN− H, VIN+ H
ADC H Analog Input Complement, ADC H Analog Input True.
9, 10
CLK−, CLK+
Input Clock Complement, Input Clock True.
15, 16
D− H, D+ H
ADC H Digital Output Complement, ADC H Digital Output True.
17, 18
D− G, D+ G
ADC G Digital Output Complement, ADC G Digital Output True.
19, 20
D− F, D+ F
ADC F Digital Output Complement, ADC F Digital Output True.
21, 22
D− E, D+ E
ADC E Digital Output Complement, ADC E Digital Output True.
23, 24
DCO−, DCO+
Data Clock Digital Output Complement, Data Clock Digital Output True.
25, 26
FCO−, FCO+
Frame Clock Digital Output Complement, Frame Clock Digital Output True.
27, 28
D− D, D+ D
ADC D Digital Output Complement, ADC D Digital Output True.
29, 30
D− C, D+ C
ADC C Digital Output Complement, ADC C Digital Output True.
31, 32
D− B, D+ B
ADC B Digital Output Complement, ADC B Digital Output True.
33, 34
D− A, D+ A
ADC A Digital Output Complement, ADC A Digital Output True.
38
SCLK/DTP
Serial Clock (SCLK)/Digital Test Pattern (DTP).
39
SDIO/DFS
Serial Data Input/Output (SDIO)/Data Format Select (DFS).
40
CSB
Chip Select Bar.
41
PDWN
Power-Down.
43, 44
VIN+ A, VIN− A
ADC A Analog Input True, ADC A Analog Input Complement.
46, 47
VIN− B, VIN+ B
ADC B Analog Input Complement, ADC B Analog Input True.
49, 50
VIN+ C, VIN− C
ADC C Analog Input True, ADC C Analog Input Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com