Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 5 Page - Analog Devices

  AD9637 Datasheet HTML 1Page - Analog Devices AD9637 Datasheet HTML 2Page - Analog Devices AD9637 Datasheet HTML 3Page - Analog Devices AD9637 Datasheet HTML 4Page - Analog Devices AD9637 Datasheet HTML 5Page - Analog Devices AD9637 Datasheet HTML 6Page - Analog Devices AD9637 Datasheet HTML 7Page - Analog Devices AD9637 Datasheet HTML 8Page - Analog Devices AD9637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9637
Data Sheet
Rev. A | Page 4 of 40
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted. CLK
divider = 8 used for typical characteristics at input frequency ≥ 19.7 MHz.
Table 2.
Parameter1
Temp
AD9637-40
AD9637-80
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
72.0
71.5
dBFS
fIN = 19.7 MHz
Full
70.0
72.0
71.0
71.5
dBFS
fIN = 30.5 MHz
25°C
71.9
71.5
dBFS
fIN = 63.5 MHz
25°C
71.4
dBFS
fIN = 69.5 MHz
25°C
71.5
dBFS
fIN = 123.5 MHz
25°C
70.5
dBFS
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
71.9
71.5
dBFS
fIN = 19.7 MHz
Full
69.0
71.9
70.0
71.5
dBFS
fIN = 30.5 MHz
25°C
71.9
71.5
dBFS
fIN = 63.5 MHz
25°C
71.3
dBFS
fIN = 69.5 MHz
25°C
71.4
dBFS
fIN = 123.5 MHz
25°C
70.4
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
11.7
11.6
Bits
fIN = 19.7 MHz
Full
11.2
11.7
11.3
11.6
Bits
fIN = 30.5 MHz
25°C
11.7
11.6
Bits
fIN = 63.5 MHz
25°C
11.6
Bits
fIN = 69.5 MHz
25°C
11.6
Bits
fIN = 123.5 MHz
25°C
11.4
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
96
93
dBc
fIN = 19.7 MHz
Full
78
96
78
92
dBc
fIN = 30.5 MHz
25°C
96
92
dBc
fIN = 63.5 MHz
25°C
92
dBc
fIN = 69.5 MHz
25°C
89
dBc
fIN = 123.5 MHz
25°C
88
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−99
−93
dBc
fIN = 19.7 MHz
Full
−96
−78
−92
−78
dBc
fIN = 30.5 MHz
25°C
−98
−92
dBc
fIN = 63.5 MHz
25°C
−92
dBc
fIN = 69.5 MHz
25°C
−89
dBc
fIN = 123.5 MHz
25°C
−88
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−96
−97
dBc
fIN = 19.7 MHz
Full
−98
−86
−97
−86
dBc
fIN = 30.5 MHz
25°C
−96
−97
dBc
fIN = 63.5 MHz
25°C
−96
dBc
fIN = 69.5 MHz
25°C
−97
dBc
fIN = 123.5 MHz
25°C
−92
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 8 MHz, fIN2 = 10 MHz
25°C
93
dBc
fIN1 = 30 MHz, fIN2 = 32 MHz
25°C
85
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com