Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9637 Datasheet HTML 28Page - Analog Devices AD9637 Datasheet HTML 29Page - Analog Devices AD9637 Datasheet HTML 30Page - Analog Devices AD9637 Datasheet HTML 31Page - Analog Devices AD9637 Datasheet HTML 32Page - Analog Devices AD9637 Datasheet HTML 33Page - Analog Devices AD9637 Datasheet HTML 34Page - Analog Devices AD9637 Datasheet HTML 35Page - Analog Devices AD9637 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 31 of 40
MEMORY MAP REGISTER TABLE
The AD9637 uses a 3-wire interface and 16-bit addressing and,
therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0, and Bit 3
and Bit 4 are set to 1. When Register 0x00, Bit 5 is set high, the
SPI enters a soft reset, where all of the user registers revert to
their default values and Bit 2 is automatically cleared.
Table 17. Memory Map Register Table
Reg.
Addr.
(Hex)
Parameter
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 = SDO
active
LSB first
Soft reset
1 =
16-bit
address
1 =
16-bit
address
Soft reset
LSB first
0 = SDO
active
0x18
The nibbles
are mirrored
so that LSB or
MSB first
mode registers
correctly. The
default for
the ADCs is
16-bit mode.
0x01
Chip ID (global)
8-bit chip ID, Bits[7:0]
AD9637 0x93 = octal 12-bit 40 MSPS/80 MSPS serial LVDS
Read
only
0x93
Unique chip ID
that is used to
differentiate
devices; read
only.
0x02
Chip grade
(global)
Open
Speed grade ID, Bits[6:4]
001 = 40 MSPS
100 = 80 MSPS
Open
Open
Open
Open
Read
only
Unique speed
grade ID that
is used to
differentiate
graded
devices; read
only.
Device Index and Transfer Registers
0x04
Device Index 2
Open
Open
Open
Open
Data
ChannelH
Data
Channel G
Data
Channel F
Data
Channel E
0xF
Bits are set to
determine
which device
on chip
receives the
next write
command.
The default is
all devices on
chip.
0x05
Device Index 1
Open
Open
Clock
Channel
DCO
Clock
Channel
FCO
Data
ChannelD
Data
Channel C
Data
Channel B
Data
Channel A
0x3F
Bits are set
to determine
which device
on chip
receives the
next write
command.
The default is
all devices on
chip.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Set
resolution/
sample rate
override.
Global ADC Functions
0x08
Power modes
(global)
Open
Open
External
power-
down
pin
function
0 = full
power-
down
1 =
standby
Open
Open
Open
Internal power-down
mode
00 = chip run
01 = full power-down
10 = standby
11 = reset
0x00
Determines
various
generic
modes of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer
0 = off
1 = on
0x01
Turns duty
cycle
stabilizer on
or off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com